Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSBE8518 Datasheet (PDF) - Vishay Siliconix

WSBE8518 Datasheet PDF - Vishay Siliconix
Part # WSBE8518
Download  WSBE8518 Download
File Size   150.47 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (Down to 15 μΩ)

WSBE8518 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSBE8518 Datasheet PDF - Vishay Siliconix

Part # WSBE8518
Download  WSBE8518 Click to download

File Size   150.47 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (Down to 15 μΩ)

WSBE8518 Datasheet (HTML) - Vishay Siliconix


WSBE8518 Product details

FEATURES
• High power capability that enables current
sensing to 1825 A
• Proprietary processing technique produces
extremely low resistance values
• All welded construction
• Solid metal nickel-chrome alloy resistive
element with unique design for low TCR
(down to ± 10 ppm/°C)
• Very low inductance (< 5 nH)
• Low thermal EMF (as low as < 1.25 μV/°C)
• AEC-Q200 qualified
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSBE8518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBE8518 VISHAY-WSBE8518 Datasheet
150Kb / 8P
Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (Down to 15 μΩ)
Revision: 06-May-2024
More results


Similar Description - WSBE8518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSMS5515 VISHAY-WSMS5515 Datasheet
261Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.00016 Ω)
15-Nov-07
WSMS2908 VISHAY-WSMS2908 Datasheet
85Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
02-Jul-10
WSMS2906 VISHAY-WSMS2906 Datasheet
202Kb / 3P
Power Metal Strip® Meter Shunt Resistor Very Low Value (down to 0.0003 ohm)
21-Nov-11
WSMS3124 VISHAY-WSMS3124 Datasheet
86Kb / 3P
Power Metal Strip® Meter Shunt Resistor Very Low Value (down to 0.0001 Ω)
09-Mar-12
WSMS5515 VISHAY-WSMS5515_12 Datasheet
76Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.00010 Ohms)
09-May-12
WSBS8518 VISHAY-WSBS8518_10 Datasheet
89Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ, 125 μΩ, and 250 μΩ)
02-Jul-10
WSBS851834 VISHAY-WSBS851834 Datasheet
144Kb / 3P
Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
09-Mar-17
WSBS851835 VISHAY-WSBS851835 Datasheet
231Kb / 3P
Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
09-Mar-17
WSBS5216 VISHAY-WSBS5216_V01 Datasheet
93Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
14-Oct-2021
WSMS2908 VISHAY-WSMS2908_V01 Datasheet
87Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
11-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com