Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F8S28 Datasheet (PDF) - Zilog, Inc.

S3F8S28 Datasheet PDF - Zilog, Inc.
Part # S3F8S28
Download  S3F8S28 Download
File Size   2997.0 Kbytes
Page   376 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S28 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8S28 Datasheet PDF - Zilog, Inc.

Part # S3F8S28
Download  S3F8S28 Click to download

File Size   2997.0 Kbytes
Page   376 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S28 Datasheet (HTML) - Zilog, Inc.


S3F8S28 Product details

1.1 S3C8/S3F8 Series Microcontrollers
Zilog's S3C8/S3F8 Series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range
of integrated peripherals, and various mask-programmable ROM sizes. Important CPU features include:
• Efficient register-oriented architecture
• Selectable CPU clock sources
• Idle and Stop power-down mode release by interrupt
• Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum of four CPU clocks) can be assigned to
specific interrupt levels.
1.2 S3F8S28/S3F8S24 Microcontroller
The S3F8S28/S3F8S24 single-chip CMOS micro-controller is fabricated using a highly advanced CMOS process
and is based on Zilog's newest CPU architecture. Its design is based on the powerful SAM8RC CPU core. Stop
and idle (power-down) modes were implemented to reduce power consumption.
The S3F8S28/S3F8S24 is a micro-controller with 8K/4Kbyte multi-time-programmable Flash ROM embedded.
Using the SAM8RC design approach, the following peripherals were integrated with the powerful core:
• Three configurable I/O ports (22 pins)
• 18 interrupt sources with 18 vectors and 8 interrupt levels
• A 16-bit Timer 0 with one 16-bit timer or two 8-bit timer mode.
• A 16-bit Timer 1 with interval & Capture function.
• A free running Watchdog Timer with interrupt and Reset.
• Analog to digital converter with thirteen input channels (MAX.) and 12-bit resolution
• One UART module
• One IIC module
• Two PWM outputs with three optional mode: 12-bit (6 + 6); 8-bit (6 + 2); 14-bit (8 + 6);
The S3F8S28/S3F8S24 microcontroller is ideal for use in a wide range of electronic applications requiring simple
timer/counter, PWM, ADC. S3F8S28/S3F8S24 is available in a 24/20-pin SOP Package and a 24-pin TSSOP
package and a 20-pin DIP package.

1.3 Features
• CPU
− SAM8RC CPU core
• Memory
− Internal multi-time program Full-Flash memory:
8K  8 bits program memory (S3F8S28)
4K  8 bits program memory (S3F8S24)
o Sector size: 128 bytes
o User programmable by "LDC" instruction
o Sector erase available
o Fast programming time
o External serial programming support
o Endurance: 10,000 erase/program cycles
o 10 Years data retention
− 272byte general-purpose register area
• Instruction Set
− 78 instructions
− Idle and Stop instructions added for power-down modes
• Instruction Execution Time
− 333ns at 12MHz fOSC (minimum)
• Interrupts
− 8 interrupt levels and 17 interrupt sources (8 external interrupt and 9 internal interrupt)
− Fast interrupt processing feature
− Watchdog interrupt can release Stop Mode.
• General I/O
− Three I/O ports (Max. 22 pins)
− Bit programmable ports
• 2-ch High-speed PWM with Three Selectable Resolutions
− 12-bit PWM: 6-bit base + 6-bit extension
− 8-bit PWM: 6-bit base + 2-bit extension
− 14-bit PWM: 8-bit base + 6-bit extension




Similar Part No. - S3F8S28

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
S3F8S24 ZILOG-S3F8S24 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8S28

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com