Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F8S39 Datasheet (PDF) - Zilog, Inc.

S3F8S39 Datasheet PDF - Zilog, Inc.
Part # S3F8S39
Download  S3F8S39 Download
File Size   3374.76 Kbytes
Page   423 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S39 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8S39 Datasheet PDF - Zilog, Inc.

Part # S3F8S39
Download  S3F8S39 Click to download

File Size   3374.76 Kbytes
Page   423 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S39 Datasheet (HTML) - Zilog, Inc.


S3F8S39 Product details

1.1 S3F8 Series Microcontrollers
Zilog’s S3 Family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of
integrated peripherals, and various mask-programmable Read only memory (ROM) sizes. Address/data bus
architecture and a large number of bit-configurable Input/Output (I/O) ports provide a flexible programming
environment for applications with varied memory and I/O requirements. It includes timer/counters with
selectable operating modes to support real-time operations.
1.2 S3F8S39/S3F8S35 Microcontrollers
The S3F8S39/S3F8S35 single-chip CMOS microcontrollers are fabricated using the highly advanced CMOS
process technology based on Zilog's latest CPU architecture. The S3F8S39/S3F8S35 is a microcontroller with
an embedded 32K/16K byte full-flash ROM.
By using a proven modular design approach, Zilog engineers have successfully developed the
S3F8S39/S3F8S35 by integrating these peripheral modules with the powerful SAM8 RC core:
• Four configurable I/O ports (26 pin)
• Twenty six interrupt sources and eight interrupt levels
• Eight bit-programmable pins for external interrupts
• One watchdog timer function (Basic Timer)
• One 8-bit basic timer for oscillation stabilization
• Two 8-bit timer/counters and three 16-bit timer/counters with selectable operating modes
• A Stop Wake-Up Timer to wake up CPU from Stop Mode
• Watch timer for real time
• Two asynchronous UART modules
• One SPI module
• One IIC module
• Analog to digital converter with 16 input channels and 10-bit resolution
• One BUZ for programmable frequency output

1.3 Features
1.3.1 CPU
• SAM8RC CPU core
1.3.2 Memory
Features of internal multi-time program Full-Flash memory are:
− 32K  8-bit program memory (S3F8S39)
− 16K  8-bit program memory (S3F8S35)
o Sector size: 128 Bytes
o User programmable by "LDC" instruction
o Sector erase available
o Fast programming time
o External serial programming support
o Endurance: 10,000 erase/program cycles
o 10 Years data retention
• Data Memory (RAM)
− 1,040 × 8 bit data memory
1.3.3 Instruction Set
• Seventy eight instructions
• Idle and Stop instructions
1.3.4 26 I/O Pins
• Twenty six normal I/O pins for 32 pin
1.3.5 Interrupts
• Eight interrupt levels and 26 interrupt sources
• Fast interrupt processing feature
1.3.6 Timers and Timer/Counters
• One programmable 8-bit Basic Timer (BT) for oscillation stabilization control or watchdog timer function.
• One 8-bit timer/counter (Timer A) with three operating modes:
− Interval Mode
− Capture Mode
− PWM Mode




Similar Part No. - S3F8S39

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
S3F8S35 ZILOG-S3F8S35 Datasheet
3Mb / 423P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8S39

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com