Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F1680 Datasheet (PDF) - Zilog, Inc.

Z8F1680 Datasheet PDF - Zilog, Inc.
Part # Z8F1680
Download  Z8F1680 Download
File Size   2541.44 Kbytes
Page   412 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 Encore! XP® F1680 Series

Z8F1680 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z8F1680 Datasheet PDF - Zilog, Inc.

Part # Z8F1680
Download  Z8F1680 Click to download

File Size   2541.44 Kbytes
Page   412 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 Encore! XP® F1680 Series

Z8F1680 Datasheet (HTML) - Zilog, Inc.


Z8F1680 Product details

Features
Key features of the F1680 Series MCU include:
• 20 MHz eZ8 CPU core
• 8 KB, 16 KB, or 24 KB Flash memory with in-circuit programming capability
• 1 KB or 2 KB Register RAM
• 1 KB Program RAM for program code shadowing and data storage (optional)
• 128 B or 256 B Non-Volatile Data Storage (NVDS)
• Up to 8-Channel, 10-bit Analog-to-Digital Converter (ADC)
• On-chip Temperature Sensor
• Up to two on-chip analog comparators (20-pin and 28-pin packages contain only one)
• On-chip Low-Power Operational Amplifier (LPO)
• Two full-duplex 9-bit UART ports with the support of Local Interconnect
Network (LIN) protocol (20-pin and 28-pin packages contain only one)
• Infrared Data Association (IrDA)-compliant infrared encoders/decoders, integrated
with UARTs
• Enhanced Serial Peripheral Interface (SPI) controller (except 20-pin packages)
• I
2
C controller which supports Master/Slave modes
• Three enhanced 16-bit Timers with Capture, Compare and PWM capability
• Additional two basic 16-bit timers with interrupt (shared as UART Baud Rate Generator)
• Optional 16-bit Multi-Channel Timer which supports four Capture/Compare/PWM
modules (44-pin packages only)
• Watchdog Timer (WDT) with dedicated internal RC oscillator
• 17 to 37 General-Purpose Input/Output (GPIO) pins depending upon package
• Up to 8 direct LED drives with programmable drive current capability
• Up to 31 interrupt sources with up to 24 interrupt vectors
• On-Chip Debugger (OCD)
• Power-On Reset (POR) and Voltage Brown-Out (VBO) protection
• Built-in Low-Voltage Detection (LVD) with programmable voltage threshold
• 32 kHz secondary oscillator for Timers
• Internal Precision Oscillator (IPO) with output frequency in the range of 43.2 kHz to
11.0592 MHz
• Crystal oscillator with three power settings and external RC network option
• Wide operation voltage range: 1.8 V–3.6 V
• 20-, 28-, 40- and 44-pin packages
• 0° C to +70° C (standard) and –40° C to +105° C (extended) operating temperature
ranges




Similar Part No. - Z8F1680

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F1680 ZILOG-Z8F1680 Datasheet
2Mb / 412P
Z8 Encore! XP® F1680 Series
Z8F16800128ZCOG ZILOG-Z8F16800128ZCOG Datasheet
249Kb / 19P
Optional fast 8-channel, 10-bit Analog-to-Digital Converter
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
High-Performance 8-Bit Microcontrollers
Z8F1680MM00KITG ZILOG-Z8F1680MM00KITG Datasheet
251Kb / 9P
Control a Microstepper Motor with the Z8F1680 MCU
Z8F1680MM00MODG ZILOG-Z8F1680MM00MODG Datasheet
251Kb / 9P
Control a Microstepper Motor with the Z8F1680 MCU
More results


Similar Description - Z8F1680

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
Z8 Encore-R Motor Control Flash MCUs
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
The voltage and current requirements of the Z8 Encore
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
Z8 Encore! XP Z8F642 Development Board
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com