Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB0258 Datasheet (PDF) - Zilog, Inc.

PB0258 Datasheet PDF - Zilog, Inc.
Part # PB0258
Download  PB0258 Download
File Size   641.48 Kbytes
Page   13 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Pyroelectric Sensor Product Specification

PB0258 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB0258 Datasheet PDF - Zilog, Inc.

Part # PB0258
Download  PB0258 Click to download

File Size   641.48 Kbytes
Page   13 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Pyroelectric Sensor Product Specification

PB0258 Datasheet (HTML) - Zilog, Inc.


PB0258 Product details

Overview
Zilog’s Passive Infrared (PIR) sensors are designed to deliver high performance and
excellent EMI immunity for the most demanding motion detection applications.
The ZBG323671 PIR sensor is used in combination with a PIR lens and consists of two
sensing elements behind a spectral filter window tuned to 8-13um wavelength to help block
out unwanted IR energy sources.

Features
• Dual-element balanced differential (series opposed) PIR sensor
• High PSRR
• Built in EMI compensation
• Elements are 1.0mm x 2.3mm spaced 1.0mm apart
• Standard metal TO-5 package
• Recommended operating voltage range of 3V to 10V
• Operating temperature range of -40C to +70C

Applications
• Security Motion Detector
• Video Doorbell
• IP Camera
• Wall mount lighting/HVAC Control




Similar Part No. - PB0258

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
PB0258 ZILOG-PB0258 Datasheet
979Kb / 15P
Pyroelectric Sensor Product Specification
More results


Similar Description - PB0258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSL-372 ETC1-CSL-372 Datasheet
369Kb / 6P
SPECIFICATION OF PYROELECTRIC PASSIVE INFRARED SENSOR
logo
Murata Manufacturing Co...
IRS-A200ST01-R1 MURATA-IRS-A200ST01-R1 Datasheet
537Kb / 20P
Pyroelectric infrared sensor
IRS-A201ST01-R1 MURATA-IRS-A201ST01-R1 Datasheet
448Kb / 20P
Pyroelectric infrared sensor
IRS-A330ST02-R1 MURATA-IRS-A330ST02-R1 Datasheet
441Kb / 20P
Pyroelectric infrared sensor
logo
List of Unclassifed Man...
D203S ETC1-D203S Datasheet
284Kb / 6P
Pyroelectric Infrared Radial Sensor
logo
Zhengzhou Winsen Electr...
RD-624 WINSEN-RD-624 Datasheet
394Kb / 7P
Pyroelectric Infrared Sensor
RDA-226 WINSEN-RDA-226 Datasheet
1Mb / 9P
Digital Pyroelectric Infrared Sensor
RD-623 WINSEN-RD-623 Datasheet
695Kb / 6P
Pyroelectric Infrared Sensor
logo
List of Unclassifed Man...
D204B ETC-D204B Datasheet
290Kb / 6P
Pyroelectric Infrared Radial Sensor
BS412 ETC-BS412 Datasheet
732Kb / 9P
Pyroelectric Infrared Radial Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com