Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1622243 Datasheet (PDF) - PHOENIX CONTACT

1622243 Datasheet PDF - PHOENIX CONTACT
Part # 1622243
Download  1622243 Download
File Size   651.52 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-M23MK/10,0-H00/OE-C5-S - Cable plug in molded plastic

1622243 Datasheet (PDF)

Go To PDF Page Download Datasheet
1622243 Datasheet PDF - PHOENIX CONTACT

Part # 1622243
Download  1622243 Click to download

File Size   651.52 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-M23MK/10,0-H00/OE-C5-S - Cable plug in molded plastic

1622243 Datasheet (HTML) - PHOENIX CONTACT


1622243 Product details

Cable plug in molded plastic, series: KSH, M23-Pin, angled, rotatable, -120° left/120° right,
number of positions: 4+4+4+PE, type of locking: SPEEDCON, cable length: 10 m, shielded: yes,
color of outer sheath: orange RAL 2003, Alternative product in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %) item no.: 1244561

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Customer-specific assemblies and cable lengths can be supplied
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• Easy connection: angled design with configurable cable outlet direction




Similar Part No. - 1622243

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1622240000 WEIDMULLER-1622240000 Datasheet
290Kb / 5P
SL 3.50/23/180F 3.2SN OR BX
logo
PHOENIX CONTACT
1622244 PHOENIX-1622244 Datasheet
165Kb / 6P
Connector in molded plastic on both sides
1622245 PHOENIX-1622245 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622246 PHOENIX-1622246 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622247 PHOENIX-1622247 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
More results


Similar Description - 1622243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926328 PHOENIX-2926328 Datasheet
78Kb / 3P
CABLE-D-50SUB/F/OE/0,25/S/2,0M
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903400 PHOENIX-2903400 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/10,0M
2903401 PHOENIX-2903401 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/15,0M
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
Network cable - VS-OE-OE-94B
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1622231 PHOENIX-1622231 Datasheet
193Kb / 11P
Cable plug in molded plastic - K-8E-OE/5,0-H00/M23FK-C5-S
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com