Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1516 Datasheet (PDF) - NXP Semiconductors

A1516 Datasheet PDF - NXP Semiconductors
Part # A1516
Download  A1516 Download
File Size   95.29 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 24 W BTL or 2 x 12 watt stereo car radio power amplifier

A1516 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1516 Datasheet PDF - NXP Semiconductors

Part # A1516
Download  A1516 Click to download

File Size   95.29 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 24 W BTL or 2 x 12 watt stereo car radio power amplifier

A1516 Datasheet (HTML) - NXP Semiconductors


A1516 Product details

GENERAL DESCRIPTION
The TDA 1516BQ is an integrated class-B output amplifier in a 13-lead single-in-line (SlL) plastic power package. The device is primarily developed for car radio applications.

FEATURES
• Requires very few external components
• Flexibility in use−stereo as well as mono BTL
• High output power (without bootstrap)
• Low offset voltage at output (important for BTL)
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• A.C. and d.c. short-circuit-safe to ground and VP
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (VP= 0 V)
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Identical inputs (inverting and non-inverting)
• Compatible with TDA1518Q (except gain)




Similar Part No. - A1516

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A1516 TOSHIBA-A1516 Datasheet
33Kb / 1P
SILICON PNP TRANSISTOR
logo
Savantic, Inc.
A1516 SAVANTIC-A1516 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
A1516 ISC-A1516 Datasheet
110Kb / 2P
isc Silicon PNP Power Transistor
logo
MicroPower Direct, LLC
A1516RU MPD-A1516RU Datasheet
272Kb / 2P
15W Single & Dual Output DC/DC Converters
A1516RW MPD-A1516RW Datasheet
264Kb / 2P
A1500RW SERIES
More results


Similar Description - A1516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
24 W BTL car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com