Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1517A Datasheet (PDF) - NXP Semiconductors

TDA1517A Datasheet PDF - NXP Semiconductors
Part # TDA1517A
Download  TDA1517A Download
File Size   132.49 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8 W BTL or 2 x 4 W SE power amplifier

TDA1517A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1517A Datasheet PDF - NXP Semiconductors

Part # TDA1517A
Download  TDA1517A Click to download

File Size   132.49 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8 W BTL or 2 x 4 W SE power amplifier

TDA1517A Datasheet (HTML) - NXP Semiconductors


TDA1517A Product details

GENERAL DESCRIPTION

The TDA1517ATW is an integrated class-AB output amplifier contained in a plastic heatsink thin shrink small outline package (HTSSOP20). The device is primarily developed for multimedia applications.



FEATURES

• Requires very few external components

• Flexibility in use: mono Bridge-Tied Load (BTL) and stereo Single-Ended (SE); it should be noted that in stereo applications the outputs of both amplifiers are in opposite phase

• High output power

• Low offset voltage at output (important for BTL)

• Fixed gain

• Good ripple rejection

• Mode select switch (operating, mute and standby)

• AC and DC short-circuit safe to ground and VP

• Electrostatic discharge protection

• Thermal protection

• Reverse polarity safe

• Capable of handling high energy on outputs (VP = 0 V)

• No switch-on/switch-off plop

• Low thermal resistance.



 




Similar Part No. - TDA1517A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
More results


Similar Description - TDA1517A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com