Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1519C Datasheet (PDF) - NXP Semiconductors

TDA1519C Datasheet PDF - NXP Semiconductors
Part # TDA1519C
Download  TDA1519C Download
File Size   113.62 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 22WBTL or 2 x 11Wstereo power amplifier

TDA1519C Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1519C Datasheet PDF - NXP Semiconductors

Part # TDA1519C
Download  TDA1519C Click to download

File Size   113.62 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 22WBTL or 2 x 11Wstereo power amplifier

TDA1519C Datasheet (HTML) - NXP Semiconductors


TDA1519C Product details

GENERAL DESCRIPTION
The TDA1519C is an integrated class-B dual output amplifier in a 9-lead plastic single in-line power package or 20-lead heatsink small outline package. For the TDA1519CTH (SOT418-3), the heatsink is
positioned on top of the package, which allows an external heatsink to be mounted on top. The heatsink of the TDA1519CTD (SOT397-1) is facing the PCB, allowing the heatsink to be soldered onto the copper area of the PCB.

FEATURES
• Requires very few external components for Bridge-Tied Load (BTL) operation
• Stereo or BTL application
• High output power
• Low offset voltage at output (important for BTL applications)
• Fixed gain
• Good ripple rejection
• Mute/standby switch
• Load dump protection
• AC and DC short-circuit safe to ground and VP
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (VP=0V)
• No switch-on/switch-off plops
• Pin compatible with TDA1519B (TDA1519C and TDA1519CSP).




Similar Part No. - TDA1519C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519C NXP-TDA1519C Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
No switch-on/switch-off pops
logo
NXP Semiconductors
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Unisonic Technologies
TDA1519CL-H09-B-T UTC-TDA1519CL-H09-B-T Datasheet
386Kb / 8P
No switch-on/switch-off pops
logo
NXP Semiconductors
TDA1519CSP NXP-TDA1519CSP Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results


Similar Description - TDA1519C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
Power Amplifier 2 x 15W
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
Mar-2004
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
2 Watt X-Band Power Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com