Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT120N04M Datasheet (PDF) - Unisonic Technologies

UTT120N04M Datasheet PDF - Unisonic Technologies
Part # UTT120N04M
Download  UTT120N04M Download
File Size   265.55 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 120A, 40V N-CHANNEL POWER

UTT120N04M Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT120N04M Datasheet PDF - Unisonic Technologies

Part # UTT120N04M
Download  UTT120N04M Click to download

File Size   265.55 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 120A, 40V N-CHANNEL POWER

UTT120N04M Datasheet (HTML) - Unisonic Technologies


UTT120N04M Product details

 DESCRIPTION
The UTC UTT120N04M is an N-channel enhancement
mode Power FET, it uses UTC’s advanced technology to
provide customers a minimum on-state resistance and high
switching speed.

 FEATURES
* RDS(ON) ≤ 3.9 mΩ @ VGS=10V, ID=60A
RDS(ON) ≤ 7.8 mΩ @ VGS=4.5V, ID=60A
* High switching speed
* Improved dv/dt capability




Similar Part No. - UTT120N04M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
UTT120N04G-TA3-T UTC-UTT120N04G-TA3-T Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
UTT120N04G-TQ2-R UTC-UTT120N04G-TQ2-R Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
UTT120N04G-TQ2-T UTC-UTT120N04G-TQ2-T Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
UTT120N04L-TA3-T UTC-UTT120N04L-TA3-T Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
More results


Similar Description - UTT120N04M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
02-Oct-2006
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
logo
Unisonic Technologies
UT120N03 UTC-UT120N03 Datasheet
196Kb / 6P
120A, 30V N-CHANNEL POWER MOSFET
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com