Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28C36 Datasheet (PDF) - Analog Devices

DS28C36 Datasheet PDF - Analog Devices
Part # DS28C36
Download  DS28C36 Download
File Size   255.36 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Authenticator

DS28C36 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28C36 Datasheet PDF - Analog Devices

Part # DS28C36
Download  DS28C36 Click to download

File Size   255.36 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Authenticator

DS28C36 Datasheet (HTML) - Analog Devices


DS28C36 Product details

Benefits and Features
● ECC-256 Compute Engine
• FIPS 186 ECDSA P256 Signature and Verification
• ECDH Key Exchange with Authentication Prevents
Man-in-the-Middle Attacks
• ECDSA Authenticated R/W of Configurable Memory
● FIPS 180 SHA-256 Compute Engine
• HMAC
● SHA-256 OTP (One-Time Pad) Encrypted R/W of
Configurable Memory Through ECDH Established Key
● Two GPIO Pins with Optional Authentication Control
• Open-Drain, 4mA/0.4V
• Optional SHA-256 or ECDSA Authenticated On/Off
and State Read
• Optional ECDSA Certificate to Set On/Off after
Multiblock Hash for Secure Boot
● RNG with NIST SP 800-90B Compliant Entropy
Source with Function to Read Out
● Optional Chip Generated Pr/Pu Key Pairs for ECC
Operations
● 17-Bit One-Time Settable, Nonvolatile Decrement-
Only Counter with Authenticated Read
● 8Kbits of EEPROM for User Data, Keys, and Certificates
● Unique and Unalterable Factory Programmed 64-Bit
Identification Number (ROM ID)
• Optional Input Data Component to Crypto and Key
Operations
● I2C Communication Up to 1MHz
● Operating Range: 2.2V to 3.63V, -40°C to +85°C
● 6-Pin TDFN Package

Applications
● IoT Node Crypto-Protection
● Accessory and Peripheral Secure Authentication
● Secure Storage of Cryptographic Keys for a Host Controller
● Secure Boot or Download of Firmware and/or System
Parameters




Similar Part No. - DS28C36

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C36 MAXIM-DS28C36 Datasheet
285Kb / 5P
FIPS 180 SHA-256 Compute Engine
Rev 0; 6/16
DS28C36 MAXIM-DS28C36 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28C36BQ+T MAXIM-DS28C36BQ+T Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28C36EVKIT MAXIM-DS28C36EVKIT Datasheet
908Kb / 3P
DS28C36 Evaluation System
2018
DS28C36EVKIT# MAXIM-DS28C36EVKIT# Datasheet
908Kb / 3P
DS28C36 Evaluation System
2018
More results


Similar Description - DS28C36

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E38 MAXIM-DS28E38 Datasheet
462Kb / 16P
DeepCover® Secure ECDSA Authenticator with ChipDNA PUF Protection
Rev 2; 5/20
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
logo
Analog Devices
MAX66301 AD-MAX66301 Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com