Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28C39 Datasheet (PDF) - Analog Devices

DS28C39 Datasheet PDF - Analog Devices
Part # DS28C39
Download  DS28C39 Download
File Size   379.73 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection

DS28C39 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28C39 Datasheet PDF - Analog Devices

Part # DS28C39
Download  DS28C39 Click to download

File Size   379.73 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection

DS28C39 Datasheet (HTML) - Analog Devices


DS28C39 Product details

Benefits and Features
● Robust Countermeasures Protect Against Security
Attacks
• Patented Physically Unclonable Function Secures
Device Data
• Actively Monitored Die Shield Detects and Reacts
to Intrusion Attempts
• All Stored Data Cryptographically Protected from
Discovery
● ECDSA Authenticated R/W of Stored Data
● Efficient Public-Key Authentication Solution to
Authenticate Peripherals
• FIPS 186-Compliant ECDSA P256 Signature for
Challenge/Response Authentication
• ChipDNA Generated Public/Private Key Pair.
• TRNG with NIST SP 800-90B Compliant Entropy
Source
● Supplemental Features Enable Easy Integration into
End Applications
• 2Kb of EEPROM for User Data, Key, Control
Registers, and Certificate
• Unique and Unalterable Factory Programmed
64-Bit Identification Number (ROM ID)
• I2C Communication: Up to 200kHz
• Operating Range: 3.3V ±10%, -40°C to +85°C
• 6-Pin TDFN-EP Package (3mm x 3mm)

Applications
● Authentication of Medical Sensors and Tools
● IoT Node Authentication
● Peripheral Authentication
● Reference Design License Management
● Printer Cartridge Identification and Authentication




Similar Part No. - DS28C39

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS28C39 MAXIM-DS28C39 Datasheet
2Mb / 17P
Demonstrates the Features of the DS2476 DeepCover Secure Coprocessor
Rev 0; 8/19
DS28C39EVKIT MAXIM-DS28C39EVKIT Datasheet
2Mb / 17P
Demonstrates the Features of the DS2476 DeepCover Secure Coprocessor
Rev 0; 8/19
More results


Similar Description - DS28C39

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E35 MAXIM-DS28E35 Datasheet
1Mb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
Rev 2; 5/13
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E38 MAXIM-DS28E38 Datasheet
462Kb / 16P
DeepCover® Secure ECDSA Authenticator with ChipDNA PUF Protection
Rev 2; 5/20
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E35 MAXIM-DS28E35_V01 Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com