Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E50 Datasheet (PDF) - Analog Devices

DS28E50 Datasheet PDF - Analog Devices
Part # DS28E50
Download  DS28E50 Download
File Size   410.02 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection

DS28E50 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E50 Datasheet PDF - Analog Devices

Part # DS28E50
Download  DS28E50 Click to download

File Size   410.02 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection

DS28E50 Datasheet (HTML) - Analog Devices


DS28E50 Product details

Benefits and Features
●Robust Countermeasures Protect Against SecurityAttacks
•Patented Physically Unclonable Function SecuresDevice Data
•Actively Monitored Die Shield Detects and Reactsto Intrusion Attempts
•All Stored Data Cryptographically Protected fromDiscovery
●Efficient Secure Hash Algorithm AuthenticatesPeripherals
•FIPS 202-Compliant SHA-3 Algorithm forChallenge/Response Authentication
•FIPS 198-Compliant Keyed-Hash MessageAuthentication Code (HMAC)
•TRNG with NIST SP 800-90B-Compliant EntropySource
●Supplemental Features Enable Easy Integration intoEnd Applications
•17-Bit One-Time Settable, Nonvolatile Decrement-Only Counter with Authenticated Read
•One GPIO Pin with Optional Authentication Control
•2Kb of EEPROM for User Data, Key, and ControlRegisters
•Unique and Unalterable Factory-Programmed64-Bit Identification Number (ROM ID)
•Single-Contact, 1-Wire Interface Communicationwith Host at 11.7kbps and 62.5kbps
•Operating Range: 3.3V ±10%, -40°C to +85°C
•6-Pin TDFN-EP Package (3mm x 3mm)

Applications
●Authentication of Medical Sensors and Tools
●Secure Management of Limited Use Consumables
●IoT Node Authentication
●Peripheral Authentication
●Reference Design License Management
●Printer Cartridge Identification and Authentication




Similar Part No. - DS28E50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E50 MAXIM-DS28E50 Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
DS28E50EVKIT MAXIM-DS28E50EVKIT Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
DS28E50Q MAXIM-DS28E50Q Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E50QT MAXIM-DS28E50QT Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
More results


Similar Description - DS28E50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E38 MAXIM-DS28E38 Datasheet
462Kb / 16P
DeepCover® Secure ECDSA Authenticator with ChipDNA PUF Protection
Rev 2; 5/20
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
logo
Analog Devices
MAX66301 AD-MAX66301 Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com