Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E83 Datasheet (PDF) - Analog Devices

DS28E83 Datasheet PDF - Analog Devices
Part # DS28E83
Download  DS28E83 Download
File Size   400.7 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Radiation-Resistant 1-Wire Authenticator

DS28E83 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E83 Datasheet PDF - Analog Devices

Part # DS28E83
Download  DS28E83 Click to download

File Size   400.7 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Radiation-Resistant 1-Wire Authenticator

DS28E83 Datasheet (HTML) - Analog Devices


DS28E83 Product details

Benefits and Features
●High Radiation Resistance Allows User-Programmable Manufacturing or Calibration DataBefore Medical Sterilization
•Resistant up to 75kGy (kiloGray) of Radiation
•One-Time-Programmable (OTP) 10kb of User Data,Keys, and Certificates
●ECC P-256 Compute Engine
•FIPS 186 ECDSA P-256 Signature and Verification
•ECDH Key Exchange for Session KeyEstablishment
•ECDSA Authenticated R/W of Configurable Memory
●SHA-256 Compute Engine
•FIPS 180 MAC for Secure Download/Boot
•FIPS 198 HMAC for Bidirectional Authenticationand Optional GPIO Control
●SHA-256 OTP (One-Time Pad) Encrypted R/W ofConfigurable Memory Through ECDH Established Key
●One GPIO Pin with Optional Authentication Control
•Open-Drain, 4mA/0.4V
•Optional SHA-256 or ECDSA Authenticated On/Offand State Read
•Optional ECDSA Certificate to Set On/Off AfterMultiblock Hash for Secure Download
●TRNG with NIST SP 800-90B Compliant EntropySource with Function to Read Out
●Optional Chip-Generated Pr/Pu Key Pairs for ECCOperations or Secrets for SHA-256 Functions
●Unique and Unalterable Factory-Programmed 64-BitIdentification Number (ROM ID)
•Optional Input Data Component to Crypto and KeyOperations
●Advanced 1-Wire Protocol Minimizes Interface to JustSingle Contact
●Operating Range: 3.3V ±10%, 0°C to +50°C
●±8kV HBM ESD Protection of 1-Wire IO Pin
●6-Pin TDFN and 2-Pin SFN

Applications
●Medical Consumables Secure Authentication
●Medical Tools/Accessories Identification andCalibration
●Accessory and Peripheral Secure Authentication
●Secure Storage of Cryptographic Keys for HostControllers
●Secure Boot or Download of Firmware and/or SystemParameters




Similar Part No. - DS28E83

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E83 MAXIM-DS28E83 Datasheet
468Kb / 17P
DeepCover Radiation Resistant 1-Wire Authenticator
Rev 0; 3/18
DS28E83 MAXIM-DS28E83 Datasheet
2Mb / 16P
Fully Compliant with USB Specification v2.0
Rev 0; 3/18
DS28E83EVKIT MAXIM-DS28E83EVKIT Datasheet
2Mb / 16P
Fully Compliant with USB Specification v2.0
Rev 0; 3/18
More results


Similar Description - DS28E83

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28E35 MAXIM-DS28E35 Datasheet
1Mb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
Rev 2; 5/13
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E84 MAXIM-DS28E84 Datasheet
435Kb / 17P
DeepCover Radiation-Resistant, High-Capacity, 1-Wire Authenticator
Rev 1; 1/19
DS28E83 MAXIM-DS28E83 Datasheet
468Kb / 17P
DeepCover Radiation Resistant 1-Wire Authenticator
Rev 0; 3/18
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E35 MAXIM-DS28E35_V01 Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com