Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32561 Datasheet (PDF) - Analog Devices

MAX32561 Datasheet PDF - Analog Devices
Part # MAX32561
Download  MAX32561 Download
File Size   239.54 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Arm Cortex-M3 Flash Microcontroller

MAX32561 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX32561 Datasheet PDF - Analog Devices

Part # MAX32561
Download  MAX32561 Click to download

File Size   239.54 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Arm Cortex-M3 Flash Microcontroller

MAX32561 Datasheet (HTML) - Analog Devices


MAX32561 Product details

Benefits and Features
● Arm Cortex M3 Processor Core Allows for Easy
Integration into Applications
• 108MHz Core Operating Frequency Through PLL
• 1MB Dual-Bank Flash Memory with Cache
• 384KB System SRAM
• 8KB AES Self-Encrypted NVSRAM
● Security Features Facilitate System-Level Protection
• ISO 14443 type A/B EMV Compliant Contactless
Reader with Internal Transceiver
• Secure Boot Loader with Public Key Authentication
• AES, DES and SHA Hardware Accelerators
• Modulo Arithmetic Hardware Accelerator (MAA)
Supporting RSA, DSA, and ECDSA
• 9-Line Secure Keypad Controller
• Hardware True Random-Number Generator
• Die Shield with Dynamic Fault Detection
• 6 External Tamper Sensors with Independent
Random Dynamic Patterns
• 256-Bit Flip-Flop-Based Battery-Backup AES Key
Storage
• Temperature and Voltage Tamper Monitor
• Real-Time Clock
● Integrated Peripherals Reduce External Component Count
• Triple-Track Magnetic Stripe Head Interface
• One ISO 7816 Smart Card Interface with Integrated
Transceiver (1.8V, 3V, and 5V) and One Smart Card
Interface Only
• USB 2.0 Device with Internal Transceiver and
Dedicated PLL
• 2 SPI Ports, 2 UART Ports, and I2C Controller
• 6 Timers, 2 with PWM Capability
• Up to 39 General-Purpose I/O Pins
• 1-Channel, 10-Bit ADC
• 4-Channel DMA Controller
• 1 SPI Execute in Place (XiP) Master
● Power Management Optimizes Battery Life and
Reduces Active Power Consumption
• Single 3.3V Supply Operation*
• Integrated Battery-Backup Switch
• Clock Gating Function
• Low-Current Battery-Backup Operation

Applications
● PCI Mobile Payment Terminals (mPOS)
● ATM Keyboards
● EMV Card Reader
● Contact/Contactless Pin Pads




Similar Part No. - MAX32561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
MAX32561-LNJ+ MAXIM-MAX32561-LNJ+ Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
MAX32561-LNS+ MAXIM-MAX32561-LNS+ Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
More results


Similar Description - MAX32561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
MAX32520 MAXIM-MAX32520 Datasheet
279Kb / 29P
ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com