Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32570 Datasheet (PDF) - Analog Devices

MAX32570 Datasheet PDF - Analog Devices
Part # MAX32570
Download  MAX32570 Download
File Size   152.21 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications

MAX32570 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX32570 Datasheet PDF - Analog Devices

Part # MAX32570
Download  MAX32570 Click to download

File Size   152.21 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications

MAX32570 Datasheet (HTML) - Analog Devices


MAX32570 Product details

Benefits and Features
●High-Efficiency Microcontroller for Secure Battery-Powered Applications
•Arm Cortex-M4 Processor with FPU up to 150MHz
•150MHz and 75MHz Internal Oscillators
•Low-Power 7.37MHz System Clock Option
•1MB Flash, Organized into Dual Banks 2 x 512KB
•760KB (608KB ECC) SRAM
•Optional Error Correction Code (ECC-SEC-DED)for Cache, SRAM, and Internal Flash
•1KB AES Encrypted NVSRAM, 8KB Internal OTP
●Scalable Cached External Memory Interfaces
•QSPI Flash with AES-GCM and XiP
•QSPI SRAM with AES-GCM and XiP
•150Mbps SDHC/eMMC/SDIO/microSD Interface
●Security Features Facilitates System-Level Protection
•ISO 14443A/B, JIS X 6319-4, ISO 15693Contactless Reader with Internal Transceiver
•Secure Bootloader with Public Key Authentication
•Hardware AES, DES, ECDSA, and SHA-2 Engines
•10-Line Secure Keypad Controller
•TRNG (SP-800-90A and SP-800-90B)
•Six External Dynamic Tamper Sensors
•Die Shield with Dynamic Random Signal
•1x 256-Bit and 2x 128-Bit Flip-Flop-Based AES KeyStorage
•Temperature and Voltage Tamper Monitor
•Fault Detectors
●Optimal Peripheral Mix Provides Platform Scalability
•16-Channel DMA
•One QSPI/SPI Master
•Up to Three SPI Master (37.5MHz)/Slave (75MHz)
•Up to Six UARTs with Flow Control
•Up to Two ISO 7816 UART/Smart Card Controller
•Up to Three 1MHz I2C Master/Slave
•Up to Three Channels 7.8ksps 10-Bit Sigma-DeltaADC
•USB 2.0 High-Speed Device Interface with PHY
•10/100 Ethernet MAC with RMII/MII Support
•24-Bit TFT LCD Controller
•12-Bit Parallel Camera Interface
•Triple-Track Magnetic Stripe Head Interface
•Eight Pulse Train Generators
•Six 32-Bit Timers, Two HTimers
•1-Wire Master, Two Watchdog Timers
•Real-Time Clock (RTC)
Applications
●Secure Card Reader for PIN (SCRP)
●PCI Mobile Payment Terminals (MPOS)
●Countertop and Tablet POS
●Contact/Contactless PIN Pads
●ATM Keyboards




Similar Part No. - MAX32570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32570 MAXIM-MAX32570 Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
MAX32570-MNJ+ MAXIM-MAX32570-MNJ+ Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
MAX32570-MNS+ MAXIM-MAX32570-MNS+ Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
MAX32570-QNJ+ MAXIM-MAX32570-QNJ+ Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
MAX32570-QNS+ MAXIM-MAX32570-QNS+ Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
More results


Similar Description - MAX32570

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
32-bit ARM Cortex-M4 microcontroller
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
logo
Maxim Integrated Produc...
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32570 MAXIM-MAX32570 Datasheet
210Kb / 2P
Low-Power Arm Cortex-M4 Microcontroller with Contactless Radio for Secure Applications
Rev 2; 9/20
MAX32520 MAXIM-MAX32520 Datasheet
279Kb / 29P
ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19
MAX32666 MAXIM-MAX32666 Datasheet
361Kb / 45P
Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021
logo
List of Unclassifed Man...
MAMWLEXX ETC-MAMWLEXX Datasheet
3Mb / 31P
Low Power Radio Module with Arm M4 Core
25/01/2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com