Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1735 Datasheet (PDF) - Richtek Technology Corporation

RT1735 Datasheet PDF - Richtek Technology Corporation
Part # RT1735
Download  RT1735 Download
File Size   1353.22 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection

RT1735 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT1735 Datasheet PDF - Richtek Technology Corporation

Part # RT1735
Download  RT1735 Click to download

File Size   1353.22 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection

RT1735 Datasheet (HTML) - Richtek Technology Corporation


RT1735 Product details

1 General Description
The RT1735 is an USB Type-C interface overvoltage
protection IC.
The RT1735 protects the high voltage shorted to VBUS
to adjacent pins of CC/SBU up to 28V due to USB
Power Delivery (PD), which allows VBUS from 3.3 to
28V sourcing.
The RT1735 is integrated with the protection against
ESDs as per IEC61000-4-2 standards, with contact
discharge of 8kV on CON_CC1/CON_CC2, D1/D2
and CON_SBU1/ CON_SBU2. The surge immunity
level of CON_CC1/CON_CC2 and CON_SBU1/
CON_SBU2 is up to 36V. Besides, the ultra-fast OVP
response time of 100ns can protect the system side of
application IC from damage.
The RT1735 is available in a 3x3mm WQFN package.
The recommended junction temperature range is −40C
to 125C, and the ambient temperature range is −40C
to 85C.

2 Features
⚫ 4-Channel of short to VBUS Overvoltage
Protection (CON_CC1, CON_CC2, CON_SBU1
and CON_SBU2)
⚫ IEC61000-4-2 Contact Discharge Protection
 CON_CC1/CON_CC2: 8kV
 CON_SBU1/CON_SBU2: 8kV
 D1/D2: 8kV
⚫ High Absolute Maximum Ratings = 36V of
CON_CC1, CON_CC2, CON_SBU1 and
CON_SBU2
⚫ 100ns Ultra-Fast OVP Response Time of CC/SBU
⚫ 255m Ultra-Low RON of CC Switch Typical
⚫ 3.6 Low RON of SBU Switch Typical
⚫ 20A Low Quiescent Current in Standby
⚫ Bandwidth of 200MHz for SBU Switch
⚫ Dead Battery Support
⚫ 20-Pin 3x3mm WQFN Package

3 Applications
⚫ PC/Notebook
⚫ Smart Phone/Tablet
⚫ TV/Monitor
⚫ USB-C Dongle/Docking/Hubs




Similar Part No. - RT1735

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT1731 RICHTEK-RT1731 Datasheet
1Mb / 25P
Cable ID for USB Type-C Cables
More results


Similar Description - RT1735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
Kinetic Technologies.
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com