Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9470D Datasheet (PDF) - Richtek Technology Corporation

RT9470D Datasheet PDF - Richtek Technology Corporation
Part # RT9470D
Download  RT9470D Download
File Size   1712.04 Kbytes
Page   50 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Single Cell Switching Battery Charger

RT9470D Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9470D Datasheet PDF - Richtek Technology Corporation

Part # RT9470D
Download  RT9470D Click to download

File Size   1712.04 Kbytes
Page   50 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Single Cell Switching Battery Charger

RT9470D Datasheet (HTML) - Richtek Technology Corporation


RT9470D Product details

General Description
The RT9470/D device are a highly-integrated 3A switch
mode battery charge management and system power
path management device for single cell Li-Ion and
Li-polymer battery. The low impedance power path
optimizes switch-mode operation efficiency, reduces
battery charging time and extends battery life during
discharging phase. The I2C serial interface with
charging and system settings makes the device a truly
flexible solution.
The recommended junction temperature range is
−40C to 150C, and the ambient temperature range is
−40C to 85C.

Applications
⚫ Smart Phone/Tablet PC
⚫ Personal Information Appliances
⚫ Portable Device and Accessory


Features
⚫ High Efficiency, 1.5MHz, Synchronous
Switch-Mode Buck Charger
 92% Charge Efficiency at 2A from 5V Input and
3.8V Battery
 Support 3.9V to 13.5V Input Voltage Range
 Average Input Current Regulation (AICR)
 Minimum Input Voltage Regulation (MIVR)
 Minimum Input Voltage Regulation Track (MIVR
Track)
 Charge Current Regulation (CCR)
 Charge Voltage Regulation (CVR)
 Charge Voltage Regulation Track (CVR Track)
 Junction Thermal Regulation (JTR)
⚫ Supports USB On-The-Go (OTG)
 92% Boost Efficiency at 1A with 3.8V Battery
and 5.15V Output
 OTG Current Limit Regulation (OCLR)
 OTG Voltage Limit Regulation (OVLR)
⚫ Protection
 Over-Temperature Protection (OTP)
 VBUS Over-Voltage Protection (VBUS OVP)
 Battery Over-Voltage Protection (VBAT OVP)
 System Over-Voltage Protection (VSYS OVP)
 System Under-Voltage Protection (VSYS UVP)
 System Over-Load Protection (VSYS OLP)
 Cycle-by-Cycle Over-Current Protection (OCP)
 OTG Low Battery Protection (OTG LBP)




Similar Part No. - RT9470D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9470 RICHTEK-RT9470 Datasheet
1Mb / 50P
3A Single Cell Switching Battery Charger
October 2023
RT9470G RICHTEK-RT9470G Datasheet
1Mb / 53P
3A Single Cell Switching Battery Charger
November 2023
More results


Similar Description - RT9470D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Richtek Technology Corp...
RT9465 RICHTEK-RT9465 Datasheet
268Kb / 28P
3A Single Cell Li-on Battery Slave Switching Charg
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
single-cell lithium-ion battery charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com