Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1523 Datasheet (PDF) - NXP Semiconductors

TDA1523 Datasheet PDF - NXP Semiconductors
Part # TDA1523
Download  TDA1523 Download
File Size   121.28 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo cassette head preamplifier and equalizer

TDA1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1523 Datasheet PDF - NXP Semiconductors

Part # TDA1523
Download  TDA1523 Click to download

File Size   121.28 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo cassette head preamplifier and equalizer

TDA1523 Datasheet (HTML) - NXP Semiconductors


TDA1523 Product details

GENERAL DESCRIPTION
The TDA1523 is a playback amplifier for car radio/cassette players.

FEATURES
• Two independent amplifiers with open-loop gain of 90 dB (typical)
• Internal DC feedback via 140 kΩ resistor from output to feedback point
• AC characteristics that can be determined externally by an RC network
• Electronic on/off switching with transient suppression for switch on
• Head input at DC ground that eliminates the input coupling capacitor
• Minimum external component requirement
• Stability down to a gain of 30 dB
• Low input noise
• Low distortion
• DC input current <2 µA.




Similar Part No. - TDA1523

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
More results


Similar Description - TDA1523

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
Record Equalizer Amp. for Stereo Cassette Deck
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
STEREO CASSETTE DECK RECORDING EQUALIZER
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
Recording Equalizer Amplifier for Stereo Cassette Decks
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com