Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1536049 Datasheet (PDF) - PHOENIX CONTACT

1536049 Datasheet PDF - PHOENIX CONTACT
Part # 1536049
Download  1536049 Download
File Size   696.31 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS-M12FS SH/.../... - Sensor/actuator cable

1536049 Datasheet (PDF)

Go To PDF Page Download Datasheet
1536049 Datasheet PDF - PHOENIX CONTACT

Part # 1536049
Download  1536049 Click to download

File Size   696.31 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS-M12FS SH/.../... - Sensor/actuator cable

1536049 Datasheet (HTML) - PHOENIX CONTACT


1536049 Product details

Sensor/actuator cable, 3-position, shielded, Plug straight M12, coding: A, on Socket straight
M12, coding: A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1536049

ManufacturerPart #DatasheetDescription
logo
Heyco.
15360 HEYCO-15360 Datasheet
142Kb / 1P
Speed Bundle Clamps
logo
Turck, Inc.
1536006 TURCK-1536006 Datasheet
405Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
logo
PHOENIX CONTACT
1536052 PHOENIX-1536052 Datasheet
697Kb / 20P
SAC-3P-M12MS-M12FR SH/.../... - Sensor/actuator cable
1536065 PHOENIX-1536065 Datasheet
635Kb / 20P
SAC-3P-M12MR-M12FS SH/.../... - Sensor/actuator cable
1536078 PHOENIX-1536078 Datasheet
700Kb / 20P
SAC-3P-M12MR-M12FR SH/.../... - Sensor/actuator cable
More results


Similar Description - 1536049

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1052840 PHOENIX-1052840 Datasheet
58Kb / 3P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS
10/28/2020
1456792 PHOENIX-1456792 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/ 1,5-800/M12FS
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1533521 PHOENIX-1533521 Datasheet
89Kb / 4P
Sensor/actuator cable - SAC-3P-15,0-PVC/M12FS
12/06/2018
1545014 PHOENIX-1545014 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/25,0-PUR/M12FS
12/06/2018
1668386 PHOENIX-1668386 Datasheet
159Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696332 PHOENIX-1696332 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR/M12FS
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com