Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH8S64AQFC-7 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH8S64AQFC-7 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH8S64AQFC-7
Download  MH8S64AQFC-7 Download
File Size   670.5 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM

MH8S64AQFC-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH8S64AQFC-7 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH8S64AQFC-7
Download  MH8S64AQFC-7 Click to download

File Size   670.5 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM

MH8S64AQFC-7 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH8S64AQFC-7 Product details

DESCRIPTION
The MH8S64AQFC is 8388608 - word by 64-bit Synchronous DRAM module. This consists of four industry standard 8Mx16 Synchronous DRAMs in TSOP and one industory standard EEPROM in TSSOP.
The mounting of TSOP on a card edge Dual Inline package provides any application where high densities and large quantities of memory are required.
This is a socket type - memory modules, suitable for easy interchange or addition of modules.

• Utilizes industry standard 8M x 16 Sy nchronous DRAMs
   TSOP and industry standard EEPROM in TSSOP
• 144-pin (72-pin dual in-line package)
• single 3.3V±0.3V power supply
• Max. Clock frequency -6:133MHz,-7,8:100MHz
• Fully synchronous operation referenced to clock rising edge
• 4 bank operation controlled by BA0,1(Bank Address)
• /CAS latency- 2/3(programmable)
• Burst length- 1/2/4/8/Full Page(programmable)
• Burst type- sequential / interleave(programmable)
• Column access - random
• Auto precharge / All bank precharge controlled by A10
• Auto refresh and Self refresh
• 4096 refresh cycle /64ms
• LVTTL Interface

APPLICATION
   main memory or graphic memory in computer systems




Similar Part No. - MH8S64AQFC-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
672Kb / 55P
536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7L MITSUBISHI-MH8S64AQFC-7L Datasheet
672Kb / 55P
536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
More results


Similar Description - MH8S64AQFC-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHC-7 MITSUBISHI-MH16S64PHC-7 Datasheet
590Kb / 55P
1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH8S64AQFC-6 MITSUBISHI-MH8S64AQFC-6 Datasheet
672Kb / 55P
536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com