Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS37003MC Datasheet (PDF) - Allegro MicroSystems

ACS37003MC Datasheet PDF - Allegro MicroSystems
Part # ACS37003MC
Download  ACS37003MC Download
File Size   2197.3 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 400 kHz Current Sensor IC with High Accuracy in Low-Resistance High-Isolation Package

ACS37003MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS37003MC Datasheet PDF - Allegro MicroSystems

Part # ACS37003MC
Download  ACS37003MC Click to download

File Size   2197.3 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 400 kHz Current Sensor IC with High Accuracy in Low-Resistance High-Isolation Package

ACS37003MC Datasheet (HTML) - Allegro MicroSystems


ACS37003MC Product details

FEATURES AND BENEFITS
• Low internal primary conductor resistance (265 μΩ) for
better power efficiency and low dissipation
• High operating bandwidth for fast control loops or where
high-speed currents are monitored
□ 400 kHz bandwidth
□ 1.1 μs typical response time
• High accuracy
□ As low as 1% maximum sensitivity error over
temperature
□ 8 mV maximum offset voltage over temperature
□ Non-ratiometric operation with VREF output
□ Differential sensing robust against external magnetic
fields
□ No magnetic hysteresis
• UL-certified to 62368-1, highly isolated compact
SOIC16W surface mount package
□ 5 kVRMS rated isolation test voltage
□ 1144 VRMS / 1618 VDC basic isolation voltages
□ 572 VRMS / 809 VDC reinforced isolation voltages
• Wide operating temperature, –40°C to 125°C
• Maximum 70 ARMS continuous operating current at 85°C
DESCRIPTION
The ACS37003 is a fully integrated current sensor IC that
senses current flowing through the custom SOICW16
package. The current conductor has a very low (265 μΩ)
resistance, ideal for low power dissipation. The sensor is
factory-trimmed to provide high accuracy over the entire
operating range without the need for customer programming
or calibration.
The internal construction provides high isolation by magnetically coupling the field generated by current flow in the
conductor to the fully monolithic Hall sensor IC. The current is sensed differentially by two Hall plates that subtract
out interfering common-mode magnetic fields. The IC has
no physical connection to the integrated current conductor and provides 5 kVRMS isolation between the primary
and secondary signal leads of the package. This high rating
provides an industry-leading basic working voltage of 1140
VRMS and a reinforced working voltage of 572 VRMS.
The ACS37003KMC is provided in a custom SOICW16 surface mount package. The pin pitch is the same as a standard
SOIC16, but the lead-frame is 2.5 times as thick to reduce
the resistance. The package body is sized to achieve greater
than 8.2 mm of creepage and clearance. The leadframe is
plated with 100% matte tin, which is compatible with standard lead (Pb) free printed circuit board assembly processes.
Internally, the device is Pb-free, making the device RoHS
compliant.




Similar Part No. - ACS37003MC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS37002 ALLEGRO-ACS37002 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
ACS37002KMABTR-050B3 ALLEGRO-ACS37002KMABTR-050B3 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
ACS37002KMABTR-050B5 ALLEGRO-ACS37002KMABTR-050B5 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
ACS37002LLAATR-015B3 ALLEGRO-ACS37002LLAATR-015B3 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
ACS37002LLAATR-015B5 ALLEGRO-ACS37002LLAATR-015B5 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
More results


Similar Description - ACS37003MC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS717 ALLEGRO-ACS717 Datasheet
854Kb / 14P
High Isolation, Linear Current Sensor IC
ACS718 ALLEGRO-ACS718 Datasheet
830Kb / 14P
High Isolation Linear Current Sensor IC
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS37002 ALLEGRO-ACS37002 Datasheet
2Mb / 40P
400 kHz, High Accuracy Current Sensor
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com