Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT100 Datasheet (PDF) - Allegro MicroSystems

CT100 Datasheet PDF - Allegro MicroSystems
Part # CT100
Download  CT100 Download
File Size   700.97 Kbytes
Page   14 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1D Linear Sensor

CT100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT100 Datasheet PDF - Allegro MicroSystems

Part # CT100
Download  CT100 Click to download

File Size   700.97 Kbytes
Page   14 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1D Linear Sensor

CT100 Datasheet (HTML) - Allegro MicroSystems


CT100 Product details

FEATURES AND BENEFITS
Operating magnetic field range: ±50 mT
• Stable magnetic performance over temperature
• Linearity error: ±0.5% from –20 mT to +20 mT
• Differential outputs
• Supply voltage: 1.0 to 5.5 V
• Operating temperature: –40°C to 150°C
• Package options:
□ 6-lead SOT23
□ 6-lead DFN, 1.50 mm × 1.50 mm × 0.45 mm
□ KGD (known good die) in wafer form

APPLICATIONS
• Linear measurements
• Proximity sensing
• Current sensing

DESCRIPTION
The CT100 is a 1D linear sensor in full-bridge configuration
from Allegro developed on its patented XtremeSense™ TMR
technology. The total magnetic field range for the CT100 is
from –50 mT to 50 mT and it achieves a linearity error of ±0.5%
for a range of –20 mT to 20 mT while providing XtremeSense
performance to achieve unparalleled temperature stability
across the full temperature range. The device supports a wide
operating voltage range of 1.0 to 5.5 V.
The CT100 is available in a 6-lead SOT23 package, and for
space-critical applications, a low-profile and small form factor
6-lead DFN package that is 1.50 mm × 1.50 mm × 0.45 mm in
size. The CT100 is also available in die form where it will be
shipped as unsawn wafers (wafer map files will be provided
to indicate known good die).




Similar Part No. - CT100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CT100 EXTECH-CT100 Datasheet
131Kb / 1P
Network Cable Tester
logo
LEM
CT100-S LEM-CT100-S Datasheet
52Kb / 2P
Current Transducers CT 100-S
CT100-S LEM-CT100-S Datasheet
61Kb / 2P
Current Transducer
CT100-S LEM-CT100-S_06 Datasheet
61Kb / 2P
Current Transducer
logo
Automatic Timing & Cont...
CT100/5 ATC-CT100/5 Datasheet
315Kb / 2P
Motor Protection Analyzer
More results


Similar Description - CT100

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
MMLP57F OHHALLSENSOR-MMLP57F Datasheet
275Kb / 3P
TMR Linear Sensor
logo
American Electronic Com...
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
Linear Hall Sensor
AH496B AHNJ-AH496B Datasheet
673Kb / 8P
Linear Hall Sensor
AH3505 AHNJ-AH3505 Datasheet
684Kb / 8P
Linear Hall Sensor
AH3509 AHNJ-AH3509 Datasheet
738Kb / 8P
Linear Hall Sensor
logo
MultiDimension Technolo...
TMR2001 MULTIDIMENSION-TMR2001 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com