Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT450 Datasheet (PDF) - Allegro MicroSystems

CT450 Datasheet PDF - Allegro MicroSystems
Part # CT450
Download  CT450 Download
File Size   2119.31 Kbytes
Page   29 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain

CT450 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT450 Datasheet PDF - Allegro MicroSystems

Part # CT450
Download  CT450 Click to download

File Size   2119.31 Kbytes
Page   29 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain

CT450 Datasheet (HTML) - Allegro MicroSystems


CT450 Product details

FEATURES AND BENEFITS
• User-programmable field range:
□ 6 to 24 mT
• Preset magnetic field ranges:
□ 0 to 6 mT
□ ±6 mT
□ 0 to 12 mT
□ ±12 mT
□ 0 to 24 mT
□ ±24 mT
• Linear analog output voltage
• 1 MHz bandwidth
• Response time: <300 ns
• Reference voltage output for unipolar/bipolar field
measurements
• Supply voltage: 4.75 to 5.50 V
• Low noise performance
• Filter pin to reduce noise on output
• Package options:
□ 8-lead SOIC
□ 8-lead TSSOP
APPLICATIONS
• Solar/power inverters
• Battery management systems
• Industrial equipment
• Power utility meters
• Power conditioner
• DC/DC converters
DESCRIPTION
The CT450 is a high-bandwidth and low-noise integrated
contactless current sensor that uses Allegro patented
XtremeSense™ TMR technology to enable high-accuracy
current measurements for many consumer, enterprise, and
industrial applications. The device supports six standard field
ranges where the CT450 senses and translates the magnetic field
into a linear analog output voltage. The device achieves a total
error output of less than ±1.0% over voltage and temperature
after calibration.
The CT450 is also available in a user-programmable variant
which enables end-of-line calibration of gain, while the sensor
is preprogrammed to adjust offset and compensate temperature
drift. The ability to adjust gain relaxes mechanical tolerances
during sensor mounting.
The device has less than 300 ns output response time while the
current consumption is about 6.0 mA. The CT450 is equipped
with a filter function to reduce noise on the output pin.
The CT450 is housed in an 8-lead SOIC package and a lowprofile, industry-standard 8-lead TSSOP package that are both
green and RoHS compliant




Similar Part No. - CT450

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT4502 CTMICRO-CT4502 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
CT4502M CTMICRO-CT4502M Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
CT4502MT1 CTMICRO-CT4502MT1 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
CT4502MT2 CTMICRO-CT4502MT2 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
CT4502S CTMICRO-CT4502S Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
More results


Similar Description - CT450

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
logo
Allegro MicroSystems
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
Programmable baseband gain and filter bandwidth
Rev. A
logo
Allegro MicroSystems
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
logo
MultiDimension Technolo...
TMR265X MULTIDIMENSION-TMR265X Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR7307-C MULTIDIMENSION-TMR7307-C Datasheet
740Kb / 12P
Isolated, Wide Bandwidth, Open Loop TMR Current Sensor
Version 1.1
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com