Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310LS-AT8 Datasheet (PDF) - Allegro MicroSystems

CT310LS-AT8 Datasheet PDF - Allegro MicroSystems
Part # CT310LS-AT8
Download  CT310LS-AT8 Download
File Size   908.62 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ 2D TMR Angle Sensor

CT310LS-AT8 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT310LS-AT8 Datasheet PDF - Allegro MicroSystems

Part # CT310LS-AT8
Download  CT310LS-AT8 Click to download

File Size   908.62 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ 2D TMR Angle Sensor

CT310LS-AT8 Datasheet (HTML) - Allegro MicroSystems


CT310LS-AT8 Product details

FEATURES AND BENEFITS
• Angle error less than 0.60° (after one-time compensation)
over full temperature range
• Dual full-bridge resistor network
• Operating magnetic field: 250 to 900 G
• Differential outputs for SIN and COS axes
• Supply voltage: 1.0 to 5.5 V
• AEC-Q100 Grade 1

APPLICATIONS
• Angular measurements
• Rotary and angular sensors
• BLDC motors

DESCRIPTION
The CT310 is a 2D angle sensor in a dual full-bridge configuration
from Allegro developed on its patented XtremeSense™ 2D tunnel
magnetoresistance (TMR) technology. The operating magnetic
field for this 2D sensor is 250 to 900 G and has an angle error
less than 0.60° over temperature following a one-time offset,
gain, and phase compensation. The sensitive axes of the TMR
elements are orthogonal to each other, providing a 90° phase
separation between the sine and cosine outputs when measured
differentially. This phase separation is inherently independent
of magnet pole spacing and air gap.
The CT310 is available in an 8-lead TSSOP package, and for
space-critical applications, a low-profile and small form factor
8-lead DFN package that is 2.00 mm × 2.00 mm × 0.45 mm
in size. The packages are RoHS compliant and lead (Pb) free
with a 100% matte-tin-plated leadframe.




Similar Part No. - CT310LS-AT8

ManufacturerPart #DatasheetDescription
logo
Corstat Containers Inc
CT3111 CORSTATCONTAINERS-CT3111 Datasheet
460Kb / 2P
Stock Division Sets To Suit Corstat Stacking Boxes
logo
CT Micro International ...
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120M CTMICRO-CT3120M Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT1 CTMICRO-CT3120MT1 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT2 CTMICRO-CT3120MT2 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
More results


Similar Description - CT310LS-AT8

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAT001-10E RHOPOINT-AAT001-10E Datasheet
99Kb / 4P
TMR Angle Sensor
logo
American Electronic Com...
TMR3002 AEC-TMR3002 Datasheet
424Kb / 5P
TMR Dual-Axis Angle Sensor
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
TMR3001 AEC-TMR3001 Datasheet
418Kb / 5P
TMR Dual-Axis Angle Sensor
logo
MultiDimension Technolo...
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR3001 MULTIDIMENSION-TMR3001 Datasheet
587Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3002 MULTIDIMENSION-TMR3002 Datasheet
592Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3005 MULTIDIMENSION-TMR3005 Datasheet
696Kb / 6P
Dual-axis TMR Angle Sensor
Version 2.0
TMR4001 MULTIDIMENSION-TMR4001 Datasheet
858Kb / 8P
TMR Geartooth Sensor
Version 2.0.1
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
High Performance Automotive TMR Angle Sensor
Version 1.0
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com