Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18012X15411X Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

18012X15411X Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 18012X15411X
Download  18012X15411X Download
File Size   1344.15 Kbytes
Page   35 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WPME-CDIS - Capacitive Digital Isolator Standard

18012X15411X Datasheet (PDF)

Go To PDF Page Download Datasheet
18012X15411X Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 18012X15411X
Download  18012X15411X Click to download

File Size   1344.15 Kbytes
Page   35 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WPME-CDIS - Capacitive Digital Isolator Standard

18012X15411X Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


18012X15411X Product details

FEATURES
• Basic isolation: 3.75kVRMS for 60s
• Input voltage range: 2.375V to 5.5V
• Data rate up to 150Mbps
• 150kV/μs typ. CMTI
• Available channel configurations: 2/0 and 1/1
• Default channel output status: high or low
• Low propagation delay: 12ns typ.
• Ambient temperature range: -40°C to 125°C
• RoHS and REACh compliant
• UL1577 recognized
• DIN EN IEC 60747-17 (VDE 0884-17):2021-10 certified




Similar Part No. - 18012X15411X

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
18012X15421X WURTH-18012X15421X Datasheet
1Mb / 35P
WPME-CDIS - Capacitive Digital Isolator Standard
Version 1.1
More results


Similar Description - 18012X15411X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
iCoupler Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com