Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-30585 Datasheet (PDF) - AMI SEMICONDUCTOR

AMIS-30585 Datasheet PDF - AMI SEMICONDUCTOR
Part # AMIS-30585
Download  AMIS-30585 Download
File Size   501.08 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description S-FSK PLC Modem

AMIS-30585 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMIS-30585 Datasheet PDF - AMI SEMICONDUCTOR

Part # AMIS-30585
Download  AMIS-30585 Click to download

File Size   501.08 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description S-FSK PLC Modem

AMIS-30585 Datasheet (HTML) - AMI SEMICONDUCTOR


AMIS-30585 Product details

General Description
The single-wire transceiver AMIS-30600 is a monolithic integrated circuit in a SOIC-8 package. It works as an interface between the protocol controller and the physical bus.
The AMIS-30600 is especially suitable to drive the bus line in LIN systems in automotive and industrial applications. Further it can be used in standard ISO9141 systems.
In order to reduce the current consumption the AMIS-30600 offers a stand-by mode. A wake-up caused by a message on the bus pulls the INH-output high until the device is switched to normal operation mode.
The transceiver is implemented in I2T100 technology enabling both high-voltage analog circuitry and digital functionality to co-exist on the same chip.
The AMIS-30600 provides an ultra-safe solution to today’s automotive in-vehicle networking (IVN) requirements by providing unlimited short circuit protection in the event of a fault condition.

Key Features
LIN-Bus Transceiver
    • LIN compliant to specification rev. 1.3 and rev. 2.0
    • I2T high voltage technology
    • Bus voltage ± 40V
    • Transmission rate up to 20 kBaud
    • SOIC-150-8 Package
Protection
    • Thermal shutdown
    • Indefinite short circuit protection to supply and ground
    • Load dump protection (45V)
Power Saving
    • Operating voltage = 4.75 to 5.25V
    • Power down supply current < 50µA
EMS Compatibility
    • Integrated filter and hysteresis for receiver
EMI Compatibility
    • Integrated slope control for transmitter
    • Slope control dependant from Vbat to enable maximum capacitive-load




Similar Part No. - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30585 ONSEMI-AMIS-30585 Datasheet
320Kb / 17P
S-FSK PLC Modem
December, 2008 ??Rev. 2
More results


Similar Description - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
1200 Baud FSK Modem
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
CMOS 1200 BAUD FSK MODEM
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
FSK Modem Filter
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
logo
ON Semiconductor
AMIS-30585 ONSEMI-AMIS-30585 Datasheet
320Kb / 17P
S-FSK PLC Modem
December, 2008 ??Rev. 2
logo
Renesas Technology Corp
R9A06G037 RENESAS-R9A06G037 Datasheet
800Kb / 30P
PLC Modem LSI
Dec 16, 2020
R9A06G061 RENESAS-R9A06G061 Datasheet
955Kb / 25P
PLC Modem LSI
October 21, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com