Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-30600 Datasheet (PDF) - AMI SEMICONDUCTOR

AMIS-30600 Datasheet PDF - AMI SEMICONDUCTOR
Part # AMIS-30600
Download  AMIS-30600 Download
File Size   501.08 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description LIN Transceiver

AMIS-30600 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMIS-30600 Datasheet PDF - AMI SEMICONDUCTOR

Part # AMIS-30600
Download  AMIS-30600 Click to download

File Size   501.08 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description LIN Transceiver

AMIS-30600 Datasheet (HTML) - AMI SEMICONDUCTOR


AMIS-30600 Product details

General Description
The single-wire transceiver AMIS-30600 is a monolithic integrated circuit in a SOIC-8 package. It works as an interface between the protocol controller and the physical bus.
The AMIS-30600 is especially suitable to drive the bus line in LIN systems in automotive and industrial applications. Further it can be used in standard ISO9141 systems.
In order to reduce the current consumption the AMIS-30600 offers a stand-by mode. A wake-up caused by a message on the bus pulls the INH-output high until the device is switched to normal operation mode.
The transceiver is implemented in I2T100 technology enabling both high-voltage analog circuitry and digital functionality to co-exist on the same chip.
The AMIS-30600 provides an ultra-safe solution to today’s automotive in-vehicle networking (IVN) requirements by providing unlimited short circuit protection in the event of a fault condition.

Key Features
LIN-Bus Transceiver
    • LIN compliant to specification rev. 1.3 and rev. 2.0
    • I2T high voltage technology
    • Bus voltage ± 40V
    • Transmission rate up to 20 kBaud
    • SOIC-150-8 Package
Protection
    • Thermal shutdown
    • Indefinite short circuit protection to supply and ground
    • Load dump protection (45V)
Power Saving
    • Operating voltage = 4.75 to 5.25V
    • Power down supply current < 50µA
EMS Compatibility
    • Integrated filter and hysteresis for receiver
EMI Compatibility
    • Integrated slope control for transmitter
    • Slope control dependant from Vbat to enable maximum capacitive-load




Similar Part No. - AMIS-30600

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
AMIS-30600 ONSEMI-AMIS-30600_14 Datasheet
139Kb / 11P
LIN Transceiver
December, 2014 ??Rev. 9
More results


Similar Description - AMIS-30600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
logo
Infineon Technologies A...
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.0, 2013-10-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com