Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1549T Datasheet (PDF) - NXP Semiconductors

TDA1549T Datasheet PDF - NXP Semiconductors
Part # TDA1549T
Download  TDA1549T Download
File Size   227.87 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1

TDA1549T Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1549T Datasheet PDF - NXP Semiconductors

Part # TDA1549T
Download  TDA1549T Click to download

File Size   227.87 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1

TDA1549T Datasheet (HTML) - NXP Semiconductors


TDA1549T Product details

GENERAL DESCRIPTION
The TDA1549T (BCC-DAC1) is the first of a new generation of digital-to-analog converters featuring a unique combination of bitstream and continuous calibration concepts.

FEATURES
• Easy application
• Finite-duration impulse-response (FIR) filtering and noise shaping incorporated
• 2nd-order noise shaper
• Wide dynamic range (true 18-bit resolution)
• Low total harmonic distortion
• No zero-crossing distortion
• Superior signal-to-noise ratio
• Bitstream continuous calibration conversion concept
• Inherently monotonic
• Voltage output (1.5 V RMS) at line drive level
• Single supply rail (3.8 to 5.5 V)
• Optimum output voltage level over the entire supply range
• Small outline packaging (SO16)
• Wide operating temperature range (−30 to +85 °C)
• Standard Japanese input format
• No analog post-filtering required
• Low power consumption
• Integrated operational amplifiers.




Similar Part No. - TDA1549T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
More results


Similar Description - TDA1549T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
Stereo continuous calibration DAC CC-DAC
July 1993
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com