Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-720658 Datasheet (PDF) - AMI SEMICONDUCTOR

AMIS-720658 Datasheet PDF - AMI SEMICONDUCTOR
Part # AMIS-720658
Download  AMIS-720658 Download
File Size   636.98 Kbytes
Page   15 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description Contact Image Sensor

AMIS-720658 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMIS-720658 Datasheet PDF - AMI SEMICONDUCTOR

Part # AMIS-720658
Download  AMIS-720658 Click to download

File Size   636.98 Kbytes
Page   15 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description Contact Image Sensor

AMIS-720658 Datasheet (HTML) - AMI SEMICONDUCTOR


AMIS-720658 Product details

General Description

AMI Semiconductor’s AMIS-720658 (PI6058) contact image sensor (CIS) is a selectable 600 or 300 dot per inch (dpi) resolution linear image sensor, which employs AMI Semiconductor’s proprietary CMOS image sensing technology. The sensor contains an on-chip output amplifier, power down circuitry and parallel transfer features that are uniquely combined with the present-day active-pixel-sensor technology. The image sensors are designed to be cascaded end-to-end on a printed circuit board (PCB) and packaged in an image sensing module. Applications for the sensor array include facsimiles, PC scanners, check readers, and office automation equipment.

Figure 1 is a block diagram of the sensor. Each sensor consists of 344 active pixels, their associated multiplexing switches, buffers and an output amplifier circuit with a power down feature. The sensors pixel-pixel spacing is approximately 42.3µm. The size of each sensor without the scribe lines is 14560µm by 335µm.



Key Features

• 600 and 300dpi selectable resolutions

• 344 or 172 image sensor elements (pixels)

• 42.3µm (600dpi) pixel center-to-center spacing

• On-chip amplifier

• Single 3.3V power supply

• 3.3V input clocks and control signals

• 4.0MHz maximum pixel rate

• Parallel / integrate and transfer

• Power-down circuit

• High sensitivity

• Low power

• Low noise



 




Similar Part No. - AMIS-720658

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
600dpi CIS Sensor Chip
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
Contact Image Sensor
More results


Similar Description - AMIS-720658

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
400dpi Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
Contact Image Sensor
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
Contact Image Sensor
PI3042A AMI-PI3042A Datasheet
1Mb / 18P
Contact Image Sensor Chip
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
Contact Image Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com