Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB30FEM61R Datasheet (PDF) - Carlo Gavazzi Holding AG

PB30FEM61R Datasheet PDF - Carlo Gavazzi Holding AG
Part # PB30FEM61R
Download  PB30FEM61R Download
File Size   1538.77 Kbytes
Page   6 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Push Button, Switch, Buzzer and LED Pilot Light

PB30FEM61R Datasheet (PDF)

Go To PDF Page Download Datasheet
PB30FEM61R Datasheet PDF - Carlo Gavazzi Holding AG

Part # PB30FEM61R
Download  PB30FEM61R Click to download

File Size   1538.77 Kbytes
Page   6 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Push Button, Switch, Buzzer and LED Pilot Light

PB30FEM61R Datasheet (HTML) - Carlo Gavazzi Holding AG




Similar Part No. - PB30FEM61R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
logo
Vishay Siliconix
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
99Kb / 6P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
PB3006-E3/45 VISHAY-PB3006-E3/45 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
More results


Similar Description - PB30FEM61R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
PUSH BUTTON SWITCH
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPB527A202BB CWIND-GPB527A202BB Datasheet
456Kb / 1P
PUSH BUTTON SWITCH
GPB527B2L02BR1 CWIND-GPB527B2L02BR1 Datasheet
463Kb / 1P
PUSH BUTTON SWITCH
GPB527B202BB CWIND-GPB527B202BB Datasheet
446Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
XB6DV3BB SCHNEIDER-XB6DV3BB Datasheet
118Kb / 5P
16mm push button, Harmony XB6, pilot light, rectangular green lens, integral 12/24V LED light module
Sep 13, 2021
9001KP1 SCHNEIDER-9001KP1 Datasheet
132Kb / 2P
30mm Push Button, Type K, pilot light, transformer, 120 VAC
Dec 6, 2021
9001KP7LYY9 SCHNEIDER-9001KP7LYY9 Datasheet
134Kb / 2P
횠30 pilot light push button 20 - 30 V with spring return
Dec 6, 2021
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com