Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHP420LFS Datasheet (PDF) - ON Semiconductor

NHP420LFS Datasheet PDF - ON Semiconductor
Part # NHP420LFS
Download  NHP420LFS Download
File Size   321.57 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifiers

NHP420LFS Datasheet (PDF)

Go To PDF Page Download Datasheet
NHP420LFS Datasheet PDF - ON Semiconductor

Part # NHP420LFS
Download  NHP420LFS Click to download

File Size   321.57 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifiers

NHP420LFS Datasheet (HTML) - ON Semiconductor


NHP420LFS Product details

This LFPAK ultrafast rectifier provides fast switching performance
with soft recovery in a compact thermally efficient package. The
LFPAK package provides an excellent alternative to the DPAK,
offering thermal performance nearly as good in a package occupying
less than half the board space. Its low profile makes it a good option
for flat panel display and other applications with limited vertical
clearance. The device offers low leakage over temperature making it a
good match for applications requiring low quiescent current.
Features
• New Package Provides Capability of Inspection and Probe After
Board Mounting
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• Excellent Ability to Absorb Stresses Associated with Power
Temperature Cycling
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Applications
• Excellent Alternative to DPAK in Space−Constrained Automotive
Applications
• Very Low Leakage for Higher Temperature Operation
• Output Rectification in Compact Portable Consumer Applications
• Freewheeling Diode used with Inductive Loads




Similar Part No. - NHP420LFS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
NHP-100+ MINI-NHP-100+ Datasheet
84Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
NHP-1000 MINI-NHP-1000 Datasheet
147Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
NHP-1000+ MINI-NHP-1000+ Datasheet
147Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
NHP-150 MINI-NHP-150 Datasheet
100Kb / 1P
High Pass Filter 50廓 133 to 1000 MHz
More results


Similar Description - NHP420LFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
Switch-mode Power Rectifiers
January, 2012 - Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com