Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRVS3JB Datasheet (PDF) - ON Semiconductor

NRVS3JB Datasheet PDF - ON Semiconductor
Part # NRVS3JB
Download  NRVS3JB Download
File Size   175.92 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rectifiers, Surface Mount 3A, 50 V-1000 V

NRVS3JB Datasheet (PDF)

Go To PDF Page Download Datasheet
NRVS3JB Datasheet PDF - ON Semiconductor

Part # NRVS3JB
Download  NRVS3JB Click to download

File Size   175.92 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rectifiers, Surface Mount 3A, 50 V-1000 V

NRVS3JB Datasheet (HTML) - ON Semiconductor


NRVS3JB Product details

Features
• Glass Passivated Chip Junction
• High Surge Current Capacity
• Low Forward Voltage: 1.15 V Maximum
• UL Flammability 94V−0 Classification
• MSL 1 per J−STD−020
• RoHS Compliant / Green Molding Compound
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide Free Devices




Similar Part No. - NRVS3JB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVS1504T3G ONSEMI-NRVS1504T3G Datasheet
111Kb / 5P
Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
NRVS1AFL ONSEMI-NRVS1AFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1AFL ONSEMI-NRVS1AFL Datasheet
198Kb / 5P
Surface Mount General Purpose Rectifiers
July, 2024 - Rev. 7
NRVS1BFL ONSEMI-NRVS1BFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1BFL ONSEMI-NRVS1BFL Datasheet
198Kb / 5P
Surface Mount General Purpose Rectifiers
July, 2024 - Rev. 7
More results


Similar Description - NRVS3JB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF501C SECOS-SEF501C Datasheet
260Kb / 2P
50 ~ 1000 V, 5.0 Amp High Efficiency Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
DB151 SECOS-DB151 Datasheet
349Kb / 2P
50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com