Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM67 Datasheet (PDF) - Bi technologies

HM67 Datasheet PDF - Bi technologies
Part # HM67
Download  HM67 Download
File Size   1928.51 Kbytes
Page   5 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Surface Mount Common Mode Chokes

HM67 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM67 Datasheet PDF - Bi technologies

Part # HM67
Download  HM67 Click to download

File Size   1928.51 Kbytes
Page   5 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Surface Mount Common Mode Chokes

HM67 Datasheet (HTML) - Bi technologies


HM67 Product details

Surface Mount Common Mode Chokes

• Operating Temperature Range -40°C to +125°C
• Ambient Temperature, Maximum 85°C
• Temperature Rise, Maximum 40°C
• Dielectric Withstanding Voltage 300Vdc




Similar Part No. - HM67

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM67 ETC1-HM67 Datasheet
699Kb / 5P
Surface Mount Common Mode Chokes
HM67 ETC2-HM67 Datasheet
2Mb / 5P
Operating Temperature Range
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
List of Unclassifed Man...
HM67-10510 ETC1-HM67-10510 Datasheet
699Kb / 5P
Surface Mount Common Mode Chokes
HM67-10510LF ETC2-HM67-10510LF Datasheet
2Mb / 5P
Operating Temperature Range
More results


Similar Description - HM67

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
SURFACE MOUNT COMMON MODE CHOKES
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
XF0013-CMC1 XFMRS-XF0013-CMC1 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com