Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5935 Datasheet (PDF) - Alpha Wire

5935 Datasheet PDF - Alpha Wire
Part # 5935
Download  5935 Download
File Size   411.67 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 28 (7/36) AWG Tinned Copper

5935 Datasheet (PDF)

Go To PDF Page Download Datasheet
5935 Datasheet PDF - Alpha Wire

Part # 5935
Download  5935 Click to download

File Size   411.67 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 28 (7/36) AWG Tinned Copper

5935 Datasheet (HTML) - Alpha Wire




Similar Part No. - 5935

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5935 POMONA-5935 Datasheet
24Kb / 1P
2MM Insulated Banana Jack
logo
3M Electronics
5935 P3 R 3M-5935 P3 R Datasheet
305Kb / 4P
6000 Series Full Face Respirators
05/2007
logo
FCI connector
59354- FCI-CONNECTOR-59354- Datasheet
326Kb / 4P
DDR SO-DIMM 0,6MM PITCH 200 POS STANDARD TYPE ASSY
59354-052AC FCI-CONNECTOR-59354-052AC Datasheet
326Kb / 4P
DDR SO-DIMM 0,6MM PITCH 200 POS STANDARD TYPE ASSY
59354-052AC FCI-CONNECTOR-59354-052AC Datasheet
326Kb / 4P
DDR SO-DIMM 0.6mm PITCH 200 POS. STANDARD TYPE ASSY
More results


Similar Description - 5935

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Molex Electronics Ltd.
0082285809 MOLEX1-0082285809_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285810 MOLEX1-0082285810_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285812 MOLEX1-0082285812_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285813 MOLEX1-0082285813_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285814 MOLEX1-0082285814_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285815 MOLEX1-0082285815_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285816 MOLEX1-0082285816_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285818 MOLEX1-0082285818_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com