Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2614 Datasheet (PDF) - NXP Semiconductors

TDA2614 Datasheet PDF - NXP Semiconductors
Part # TDA2614
Download  TDA2614 Download
File Size   64.11 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 6 W hi-fi audio power amplifier

TDA2614 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2614 Datasheet PDF - NXP Semiconductors

Part # TDA2614
Download  TDA2614 Click to download

File Size   64.11 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 6 W hi-fi audio power amplifier

TDA2614 Datasheet (HTML) - NXP Semiconductors


TDA2614 Product details

GENERAL DESCRIPTION

The TDA2614 is a power amplifier in a 9-lead single-in-line (SIL9) plastic medium power package. It has been especially designed for mains fed applications, such as TV and radio.



FEATURES

• Requires very few external components

• No switch-on/switch-off clicks

• Input mute during switch-on and switch-off

• Low offset voltage between output and ground

• Hi-fi in accordance with IEC 268 and DIN 45500

• Short-circuit proof and thermal protected

• Mute possibility.




Similar Part No. - TDA2614

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
2 x 6 W hi-fi audio power amplifier
1995 May 08
More results


Similar Description - TDA2614

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
2 x 6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com