Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003-E Datasheet (PDF) - STMicroelectronics

PD55003-E Datasheet PDF - STMicroelectronics
Part # PD55003-E_V01
Download  PD55003-E Download
File Size   473.99 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs

PD55003-E Datasheet (PDF)

Go To PDF Page Download Datasheet
PD55003-E Datasheet PDF - STMicroelectronics

Part # PD55003-E_V01
Download  PD55003-E Click to download

File Size   473.99 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs

PD55003-E Datasheet (HTML) - STMicroelectronics


PD55003-E Product details

Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 3 W with 17dB gain @ 500 MHz / 12.5 V
Description
The PD55003-E is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 12 V in common source mode at
frequencies of up to 1 GHz. The PD55003 boasts
excellent gain, linearity and reliability thanks to
ST’s latest LDMOS technology mounted in the
first true SMD plastic RF power package, the
PowerSO-10RF.
The PD55003’s superior linearity performance
makes it an ideal solution for car mobile radios.
The PowerSO-10RF plastic package is designed
for high reliability, and is the first JEDECapproved,
high power SMD package from ST. It
has been optimized for RF requirements and
offers excellent RF performance and ease of
assembly.
Mounting recommendations are provided in
application note AN1294, available on




Similar Part No. - PD55003-E_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003-E-E STMICROELECTRONICS-PD55003-E-E Datasheet
468Kb / 29P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
19-May-2010
More results


Similar Description - PD55003-E_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
15-Apr-2011
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Dec-2010
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Oct-2010
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
LET9045F STMICROELECTRONICS-LET9045F Datasheet
202Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
LET9060F STMICROELECTRONICS-LET9060F Datasheet
164Kb / 9P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com