Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8834 Datasheet (PDF) - STMicroelectronics

PM8834 Datasheet PDF - STMicroelectronics
Part # PM8834
Download  PM8834 Download
File Size   695.87 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A dual low-side MOSFET driver

PM8834 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8834 Datasheet PDF - STMicroelectronics

Part # PM8834
Download  PM8834 Click to download

File Size   695.87 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A dual low-side MOSFET driver

PM8834 Datasheet (HTML) - STMicroelectronics


PM8834 Product details

Features
 Dual independent low-side MOSFET driver
with 4 A sink and source capability
 Independent enable for each driver
 Driver output parallelability to support higher
driving capability
 Matched propagation delays
 CMOS/TTL-compatible input levels
 Wide input supply voltage range: 5 V to 18 V
 Embedded drivers with anti cross conduction
protection
 Low bias switching current
 Short propagation delays
 Wide operative temperature range:
-40 °C to 105 °C
 Industry standard SO8 package and MSOP8
with exposed pad

Applications
 SMPS
 DC/DC converters
 Motor controllers
 Line drivers
 Class-D switching amplifiers
Description
The PM8834 is a flexible, high-frequency dual
low-side driver specifically designed to work with
high capacitive MOSFETs and IGBTs.
Both PM8834 outputs can sink and source 4 A
independently. A higher driving current can be
obtained by connecting the two PWM outputs in
parallel.
The PM8834 provides two enable pins which can
be used to enable the operation of one or both of
the output lines.
The PM8834 works with a CMOS/TTL-compatible
PWM signal.
The device is available in an SO8 or an MSOP8
package with an exposed pad.




Similar Part No. - PM8834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
PM8834Q STMICROELECTRONICS-PM8834Q Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
PM8834QTR STMICROELECTRONICS-PM8834QTR Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
PM8834TR STMICROELECTRONICS-PM8834TR Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
More results


Similar Description - PM8834

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
IXYS Corporation
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
IXYS Corporation
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com