Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2812018 Datasheet (PDF) - List of Unclassifed Manufacturers

2812018 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2812018
Download  2812018 Download
File Size   77.83 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm짼, AWG: 28 - 12, width: 6.2 mm, color: gray

2812018 Datasheet (PDF)

Go To PDF Page Download Datasheet
2812018 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2812018
Download  2812018 Click to download

File Size   77.83 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm짼, AWG: 28 - 12, width: 6.2 mm, color: gray

2812018 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 2812018

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2812018 PHOENIX-2812018 Datasheet
125Kb / 6P
UK 4-TG
More results


Similar Description - 2812018

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0401023 PHOENIX-0401023 Datasheet
63Kb / 4P
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm짼 - 35 mm짼, Width: 12 mm,
0404017 PHOENIX-0404017 Datasheet
117Kb / 7P
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm짼 - 6 mm짼, Width: 7 mm,
0404033 PHOENIX-0404033 Datasheet
113Kb / 7P
Power terminal block, Connection method Screw connection, Load current : 76 A, Cross section: 1.5 mm짼 - 16 mm짼, Width: 9.8 mm,
0421045 PHOENIX-0421045 Datasheet
123Kb / 6P
Power terminal block, Connection method: Screw connection, Cross section
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
Ground modular terminal block, Connection method: Screw connection, Cross section
0442011 PHOENIX-0442011 Datasheet
70Kb / 5P
Ground terminal block with screw connection, cross section
0442024 PHOENIX-0442024 Datasheet
59Kb / 4P
Ground terminal block with screw connection, cross section
0443065 PHOENIX-0443065 Datasheet
77Kb / 5P
Ground modular terminal block, Screw connection, Cross section
0501059 PHOENIX-0501059 Datasheet
72Kb / 5P
Feed-through terminal block, connection method: screw connection, cross section
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com