Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-35 Datasheet (PDF) - Power Integrations, Inc.

DER-35 Datasheet PDF - Power Integrations, Inc.
Part # DER-35
Download  DER-35 Download
File Size   551.74 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3.5W CV/CC Adapter using TNY264P

DER-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
DER-35 Datasheet PDF - Power Integrations, Inc.

Part # DER-35
Download  DER-35 Click to download

File Size   551.74 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3.5W CV/CC Adapter using TNY264P

DER-35 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DER-35

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
13W Multiple Output Supply using TOP242P
DER-36 POWERINT-DER-36 Datasheet
274Kb / 23P
42W, 4 Output Supply using TOP245Y
DER-37 POWERINT-DER-37 Datasheet
1Mb / 32P
16W Low Profile Adapter Supply using TOP245P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
2.4W Power Supply using LNK520P
More results


Similar Description - DER-35

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
3.9W CV/CC Charger using TNY266P with < 100 mW standby
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
EPR-73 POWERINT-EPR-73 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-73 - 2.3 W CV/CC Charger/Adapter Using LinkSwitch짰-HF (LNK354P)
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com