Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-56 Datasheet (PDF) - Power Integrations, Inc.

DER-56 Datasheet PDF - Power Integrations, Inc.
Part # DER-56
Download  DER-56 Download
File Size   694.25 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 4.8W Charger using LNK520P

DER-56 Datasheet (PDF)

Go To PDF Page Download Datasheet
DER-56 Datasheet PDF - Power Integrations, Inc.

Part # DER-56
Download  DER-56 Click to download

File Size   694.25 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 4.8W Charger using LNK520P

DER-56 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DER-56

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
3.9W Power Supply using TNY263P
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
20W Dual Output Power Supply using TOP247Y
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
More results


Similar Description - DER-56

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
2.4W Power Supply using LNK520P
DER-39 POWERINT-DER-39 Datasheet
814Kb / 23P
2.5W Adapter using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-62 POWERINT-DER-62 Datasheet
910Kb / 24P
3.0 W Charger using LNK363P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
2.4 W Power Supply using LNK520P
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
5 W, 5 V Charger using TNY274P
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
LITHIUM ION BATTERY CHARGER USING C8051F300
logo
NTE Electronics
NTE1081A NTE-NTE1081A Datasheet
78Kb / 1P
Integrated Circuit Audio Power Amplifier, 4.8W
logo
STMicroelectronics
AN1283 STMICROELECTRONICS-AN1283 Datasheet
324Kb / 7P
A BATTERY CHARGER USING TSM101
May-2001
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com