Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9081 Datasheet (PDF) - Analog Devices

AD9081 Datasheet PDF - Analog Devices
Part # AD9081
Download  AD9081 Download
File Size   4870.16 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC

AD9081 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9081 Datasheet PDF - Analog Devices

Part # AD9081
Download  AD9081 Click to download

File Size   4870.16 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC

AD9081 Datasheet (HTML) - Analog Devices


AD9081 Product details

FEATURES
► Flexible, reconfigurable common platform design
► 4 DACs and 4 ADCs (4D4A)
► Supports single, dual, and quad band
► Datapaths and DSP blocks are fully bypassable
► DAC to ADC sample rate ratios of 1, 2, 3, and 4
► On-chip PLL with multichip synchronization
► External RFCLK input option for off-chip PLL
► Maximum DAC sample rate up to 12 GSPS
► Maximum data rate up to 12 GSPS using JESD204C
► Useable analog bandwidth to 8 GHz
► Maximum ADC sample rate up to 4 GSPS
► Maximum data rate up to 4 GSPS using JESD204C
► 7.5 GHz analog input full power bandwidth (−3 dB)
► ADC ac performance at 4 GSPS, input at −2.7 GHz, −1 dBFS
► Full-scale input voltage: 1.4 V p-p
► Noise density: −147.5 dBFS/Hz
► Noise figure: 26.8 dB
► HD2: −67 dBFS
► HD3: −73 dBFS
► Worst other (excluding HD2 and HD3): −79 dBFS at 2.7 GHz
► DAC ac performance at 12 GSPS
► Full-scale output current range: 6.43 mA to 37.75 mA
► Two-tone IMD3 (−7 dBFS per tone): −78.9 dBc
► NSD, single-tone at 3.7 GHz: −155.1 dBc/Hz
► SFDR, single-tone at 3.7 GHz: −70 dBc
► Versatile digital features
► Configurable or bypassable DDCs and DUCs
► 8 fine complex DUCs and 4 coarse complex DUCs
► 8 fine complex DDCs and 4 coarse complex DDCs
► 48-bit NCO per DUC or DDC
► Programmable 192-tap PFIR filter for receive equalization
► Supports 4 different profile settings loaded via GPIO
► Programmable delay per datapath
► Receive AGC support
► Fast detect with low latency for fast AGC control
► Signal monitor for slow AGC control
► Transmit DPD support
► Fine DUC channel gain control and delay adjust
► Coarse DDC delay adjust for DPD observation path
► Auxiliary features
► Fast frequency hopping and direct digital synthesis (DDS)
► Low latency loopback mode (receive datapath data can be
routed to the transmit datapaths)
► ADC clock driver with selectable divide ratios
► Power amplifier downstream protection circuitry
► On-chip temperature monitoring unit
► Flexible GPIO pins
► TDD power savings option and sharing ADCs
► SERDES JESD204B/JESD204C interface, 16 lanes up to
24.75 Gbps
► 8 lanes JESD204B/C transmitter (JTx) and 8 lanes
JESD204B/C receiver (JRx)
► JESD204B compliance with the maximum 15.5 Gbps
► JESD204C compliance with the maximum 24.75 Gbps
► Supports real or complex digital data (8-, 12-, 16-, or 24-bit)
► 15 mm × 15 mm, 324-ball BGA with 0.8 mm pitch

APPLICATIONS
► Wireless communications infrastructure
► Microwave point to point, E-band, and 5G mmWave
► Broadband communications systems
► DOCSIS 3.1 and 4.0 CMTS
► Phased array radar and electronic warfare
► Electronic test and measurement systems




Similar Part No. - AD9081

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9081-FMCA-EBZ AD-AD9081-FMCA-EBZ Datasheet
2Mb / 25P
Quad, 16-Bit, 12 GSPS RF DAC with Wideband Channelizers
Rev. A
More results


Similar Description - AD9081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com