Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9082BBPZRL-4D2AC Datasheet (PDF) - Analog Devices

AD9082BBPZRL-4D2AC Datasheet PDF - Analog Devices
Part # AD9082BBPZRL-4D2AC
Download  AD9082BBPZRL-4D2AC Download
File Size   851.58 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC

AD9082BBPZRL-4D2AC Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9082BBPZRL-4D2AC Datasheet PDF - Analog Devices

Part # AD9082BBPZRL-4D2AC
Download  AD9082BBPZRL-4D2AC Click to download

File Size   851.58 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC

AD9082BBPZRL-4D2AC Datasheet (HTML) - Analog Devices


AD9082BBPZRL-4D2AC Product details

FEATURES
Flexible reconfigurable common platform design
4 DACs and 2 ADCs (4D2A) and 2D2A options
Supports single, dual, and quad band
Datapaths and DSP blocks are fully bypassable
DAC to ADC sample rate ratios of 1, 2, 3, and 4
On-chip PLL with multichip synchronization
External RFCLK input option for off-chip PLL
Maximum DAC sample rate up to 12 GSPS
Maximum data rate up to 12 GSPS using JESD204C
Useable analog bandwidth to 8 GHz
Maximum ADC sample rate up to 6 GSPS
Maximum data rate up to 6 GSPS using JESD204C
Useable analog bandwidth to 8 GHz
ADC ac performance at 6 GSPS, input at 2.7 GHz, −1 dBFS
Full-scale input voltage: 1.475 V p-p
Noise density: −147.5 dBFS/Hz
Noise figure: 25.3 dB
HD2: −72 dBFS
HD3: −68 dBFS
Worst other (excluding HD2 and HD3): −78 dBFS
DAC ac performance at 12 GSPS, output at 2.6 GHz
Full-scale output current range: 6.43 mA to 37.75 mA
Two-tone IMD3 (−6 dBFS per tone): −72 dBc
NSD, single-tone: −160 dBc/Hz
SFDR, single-tone: 75 dBc
Versatile digital features
Selectable interpolation and decimation filters
Configurable DDC and DUC
8 fine complex DUCs and 4 coarse complex DUCs
8 fine complex DDCs and 4 coarse complex DDCs
48-bit NCO per DUC or DDC
Option to bypass fine and coarse DUC/DDC
Programmable 192-tap PFIR filter for receive equalization
Supports 4 different profile settings loaded via GPIO
Programable delay per data path
Receive AGC support
Fast detect with low latency for fast AGC control
Signal monitor for slow AGC control
Dedicated AGC support pins
Transmit DPD support
Fine DUC channel gain control and delay adjust
Coarse DDC delay adjust for DPD observation path
Auxiliary features
Fast frequency hopping
Direct digital synthesis (DDS)
Low latency loopback modes (receive datapath data can be routed to the transmit datapaths)
ADC clock driver with selectable divide ratios
Power amplifier downstream protection circuitry
On-chip temperature monitoring unit
Flexible GPIO pins
TDD power savings option
SERDES JESD204B/C interface, 16 lanes up to 24.75 Gbps
8 lanes JESD204B/C transmitter (JTx) and 8 lanes JESD204B/C receiver (JRx)
JESD204B compliance with the maximum 15.5 Gbps
JESD204C compliance with the maximum 24.75 Gbps
Supports real or complex digital data (8-, 12-, 16-, or 24-bit)
15 mm × 15 mm, 324-ball BGA with 0.8 mm pitch

APPLICATIONS
Wireless communications infrastructure
Microwave point to point, E-band, and 5G mmWave
Broadband communications systems
DOCSIS 3.1 and 4.0 CMTS
Phased array radar and electronic warfare
Electronic test and measurement systems




Similar Part No. - AD9082BBPZRL-4D2AC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9082BBPZRL-4D2AC AD-AD9082BBPZRL-4D2AC Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
More results


Similar Description - AD9082BBPZRL-4D2AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
AD9207 AD-AD9207_V01 Datasheet
2Mb / 25P
12-Bit, 6 GSPS, JESD204B/JESD204C Dual ADC
Rev. 0
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com