Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM78N100LD Datasheet (PDF) - Rectron Semiconductor

RM78N100LD Datasheet PDF - Rectron Semiconductor
Part # RM78N100LD
Download  RM78N100LD Download
File Size   774.64 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM78N100LD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM78N100LD Datasheet PDF - Rectron Semiconductor

Part # RM78N100LD
Download  RM78N100LD Click to download

File Size   774.64 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM78N100LD Datasheet (HTML) - Rectron Semiconductor


RM78N100LD Product details

General Features
VDS =100V,ID =78A
RDS(ON) =7.5mΩ(typical) @ VGS=10V
RDS(ON) =10.5mΩ(typical) @ VGS=4.5V
Excellent gate charge x RDS(on) product(FOM)
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested




Similar Part No. - RM78N100LD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM78700 MACOM-RM78700 Datasheet
160Kb / 4P
Accessories Power Relay RM
logo
TE Connectivity Ltd
RM78700 TEC-RM78700 Datasheet
206Kb / 3P
Accessories Power Relay RM
2009/10 Rev. IJ1
logo
Tyco Electronics
RM78701 MACOM-RM78701 Datasheet
160Kb / 4P
Accessories Power Relay RM
logo
TE Connectivity Ltd
RM78701 TEC-RM78701 Datasheet
206Kb / 3P
Accessories Power Relay RM
2009/10 Rev. IJ1
logo
Tyco Electronics
RM78702 MACOM-RM78702 Datasheet
160Kb / 4P
Accessories Power Relay RM
More results


Similar Description - RM78N100LD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com