Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-OUT07A1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-OUT07A1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-OUT07A1
Download  X-NUCLEO-OUT07A1 Download
File Size   928.49 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS4260LM for STM32 Nucleo

X-NUCLEO-OUT07A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-OUT07A1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-OUT07A1
Download  X-NUCLEO-OUT07A1 Click to download

File Size   928.49 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS4260LM for STM32 Nucleo

X-NUCLEO-OUT07A1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-OUT07A1 Product details

Features
• Based on the IPS4260LM quad low-side switch, which features:
– Operating range 8 to 50 V
– High Speed operation (trise, tfall < 1us)
– Process side operating current: configurable from 350 mA (per channel)
up to 2 A (parallelized channels)
– Low-power dissipation (RON(TYP) = 260 mΩ)
– Configurable low dissipative cutoff function in overload conditions
– Per-channel overload, short circuit, and thermal junction protections
– Fast decay of inductive loads with integrated catch diodes
– Open load detection
– Undervoltage lock-out
– Loss of supply / loss of ground protection
– HTSSOP20 package
• Galvanic isolation between logic and process sides by STISO620, STISO621
digital isolators and isolated DC-DC converter
• Selectable supply of the IPS4260LM from on board isolated dc-dc converter
(SW7 close 1-2), or from 24 V supply rail (SW7 close 2-3)
• Process side operating range: 10 V (SW7 close 1-2) or 10 to 30 V (SW7 close
2-3)
• Process side supply rail reverse polarity protections (J1 open when SW7 =
close 2-3)
• Application board logic side operating voltage 3.3 (SW1 close 1-2) or 5 V (SW1
close 2-3)
• Green LEDs for outputs on/off status (J6 close 1-2, 3-4, 5-6, 7-8)
• Open load detection enable (J7 close 1-2, 3-4, 5-6, 7-8) / disable (J7 open)
• Red LEDs for overload/thermal warning (D8) and open load (D7) diagnostic
• Selectable current limitation level (J8 close 1-2 = 0.5A, or 3-4 = 1A, or 5-6 =
2A)
• Cutoff enable (J8 open 7-8) / disable (J8 close 7-8) options
• Per channel overload diagnostic available on CN5[9,10] and CN8[5, 6]
• Easy parallelization of input signals (J9) and output channels (J10)
• Compatible with STM32 Nucleo development boards
• Equipped with Arduino® UNO R3 connectors
• RoHS and China RoHS compliant
• CE certified




Similar Part No. - X-NUCLEO-OUT07A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-OUT01A2 STMICROELECTRONICS-X-NUCLEO-OUT01A2 Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
More results


Similar Description - X-NUCLEO-OUT07A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com