Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ-1 Datasheet (PDF) - STMicroelectronics

IPS8200HQ-1 Datasheet PDF - STMicroelectronics
Part # IPS8200HQ-1
Download  IPS8200HQ-1 Download
File Size   1534.31 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo

IPS8200HQ-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS8200HQ-1 Datasheet PDF - STMicroelectronics

Part # IPS8200HQ-1
Download  IPS8200HQ-1 Click to download

File Size   1534.31 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo

IPS8200HQ-1 Datasheet (HTML) - STMicroelectronics


IPS8200HQ-1 Product details

Features
• Based on the IPS8200HQ-1 octal high-side switch, which features:
– Operating range 10.5 to 36 V
– Operating output current ≤ 1.0 A
– Low-power dissipation (RON(MAX) = 200 mΩ)
– Undervoltage lock-out
– Selectable driving modes parallel or 5 MHz SPI (8 or 16 bits)
– Embedded step-down converter
– 4x2 LED matrix for efficient status indication
– MCU freeze detection
– Fast decay for inductive loads
– Overload and overtemperature protections
– Loss of ground protection
– Junction overtemperature and parity check diagnostic pin (FAULT)
– Case overtemperature diagnostic pin (TWARN)
– Supply voltage level diagnostic pin (PGOOD)
– QFN48L 8x6 mm package
• Application board operating range: 12 to 33 V
• Extended voltage operating range (J9 open) up to 36 V
• Operating current: up to 1.0 A per channel
• Blue LED showing SPI mode selection
• Yellow LED showing SPI mode 16-bits selection
• Red LED for FAULT diagnostic pin (JP12 closed)
• Red LED for PGOOD diagnostic pin (JP13 closed)
• Red LED for TWARN diagnostic pin (JP27 closed)
• 4 kVPK galvanic isolation ensured by STISO620 and STISO621
• Supply rail reverse polarity protection
• Compatible with STM32 Nucleo development boards
• Equipped with Arduino® UNO R3 connectors
• CE certified
• RoHS and China RoHS compliant




Similar Part No. - IPS8200HQ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS8200HQ-1 STMICROELECTRONICS-IPS8200HQ-1 Datasheet
2Mb / 36P
Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
12-Feb-2024
More results


Similar Description - IPS8200HQ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com