Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-111 Datasheet (PDF) - Power Integrations, Inc.

DER-111 Datasheet PDF - Power Integrations, Inc.
Part # DER-111
Download  DER-111 Download
File Size   672.39 Kbytes
Page   23 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3.15W Adapter with < 100 mW standby using LNK500P

DER-111 Datasheet (PDF)

Go To PDF Page Download Datasheet
DER-111 Datasheet PDF - Power Integrations, Inc.

Part # DER-111
Download  DER-111 Click to download

File Size   672.39 Kbytes
Page   23 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3.15W Adapter with < 100 mW standby using LNK500P

DER-111 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DER-111

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DER-112 POWERINT-DER-112 Datasheet
339Kb / 17P
20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
5 W, 5 V Charger using TNY274P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
More results


Similar Description - DER-111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-39 POWERINT-DER-39 Datasheet
814Kb / 23P
2.5W Adapter using LNK520P
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
30W Adapter using TOP245Y
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
logo
STMicroelectronics
AN1134 STMICROELECTRONICS-AN1134 Datasheet
198Kb / 9P
45W AC-DC ADAPTER WITH STANDBY FUNCTION
Dec-1999
logo
NXP Semiconductors
AN11012 PHILIPS-AN11012_15 Datasheet
1Mb / 36P
Using the TEA1703 to reduce standby power
Rev. 1-30 March 2011
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com