Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60-LC Datasheet (PDF) - Unisonic Technologies

3N60-LC Datasheet PDF - Unisonic Technologies
Part # 3N60-LC
Download  3N60-LC Download
File Size   698.71 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 600V N-CHANNEL POWER MOSFET

3N60-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
3N60-LC Datasheet PDF - Unisonic Technologies

Part # 3N60-LC
Download  3N60-LC Click to download

File Size   698.71 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 600V N-CHANNEL POWER MOSFET

3N60-LC Datasheet (HTML) - Unisonic Technologies


3N60-LC Product details

 DESCRIPTION
The UTC 3N60-LC is a high voltage power MOSFET designed
to have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications of switching power supplies and adaptors.

 FEATURES
* RDS(ON) ≤ 3.0 Ω @ VGS=10V, ID=1.5A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 3N60-LC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3N60-220 ISC-3N60-220 Datasheet
156Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
3N60-A-TA3-T UTC-3N60-A-TA3-T Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N60-A-TA3-T VBSEMI-3N60-A-TA3-T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
3N60-B-TA3-T UTC-3N60-B-TA3-T Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N60-B-TA3-T VBSEMI-3N60-B-TA3-T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - 3N60-LC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com