Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N120L-TQ2-R Datasheet (PDF) - Unisonic Technologies

3N120L-TQ2-R Datasheet PDF - Unisonic Technologies
Part # 3N120L-TQ2-R
Download  3N120L-TQ2-R Download
File Size   287.17 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 1200V N-CHANNEL POWER MOSFET

3N120L-TQ2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
3N120L-TQ2-R Datasheet PDF - Unisonic Technologies

Part # 3N120L-TQ2-R
Download  3N120L-TQ2-R Click to download

File Size   287.17 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 1200V N-CHANNEL POWER MOSFET

3N120L-TQ2-R Datasheet (HTML) - Unisonic Technologies


3N120L-TQ2-R Product details

 DESCRIPTION
The UTC 3N120-E3 provide excellent RDS(ON), low gate
charge and operation with low gate voltages. This device is
suitable for use as a load switch or in PWM applications.

 FEATURES0
* RDS(ON) ≤ 7.0 Ω @ VGS=10V, ID=1.5A
* Low Reverse Transfer Capacitance
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 3N120L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N120 NJSEMI-3N120 Datasheet
148Kb / 1P
NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
TECH PUBLIC Electronics...
3N120 TECHPUBLIC-3N120 Datasheet
2Mb / 5P
1200V N-Channel MOSFET
More results


Similar Description - 3N120L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N120 UTC-5N120 Datasheet
451Kb / 7P
5A, 1200V N-CHANNEL POWER MOSFET
2018
logo
DinTek Semiconductor Co...
DTN110N120SC4 DINTEK-DTN110N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN20N120SC4 DINTEK-DTN20N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC3 DINTEK-DTN40N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC4 DINTEK-DTN40N120SC4 Datasheet
1Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC3 DINTEK-DTN58N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC4 DINTEK-DTN58N120SC4 Datasheet
3Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN6N120SC3 DINTEK-DTN6N120SC3 Datasheet
1Mb / 8P
1200V N-Channel Silicon Carbide Power MOSFET
DTP6N120SC DINTEK-DTP6N120SC Datasheet
1Mb / 8P
1200V N-Channel Silicon Carbide Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com