Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1131BL-XX-AB3-R Datasheet (PDF) - Unisonic Technologies

L1131BL-XX-AB3-R Datasheet PDF - Unisonic Technologies
Part # L1131BL-XX-AB3-R
Download  L1131BL-XX-AB3-R Download
File Size   673.87 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW NOISE 200mA LDO REGULATOR

L1131BL-XX-AB3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
L1131BL-XX-AB3-R Datasheet PDF - Unisonic Technologies

Part # L1131BL-XX-AB3-R
Download  L1131BL-XX-AB3-R Click to download

File Size   673.87 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW NOISE 200mA LDO REGULATOR

L1131BL-XX-AB3-R Datasheet (HTML) - Unisonic Technologies


L1131BL-XX-AB3-R Product details

 DESCRIPTION
The UTC L1131B is a COMS positive linear regulator. One of
it’s feature is the very low quiescent current typical as low as 1.5μA
and its dropout voltage is extremely low with 200mA output current,
and high ripple rejection. Each of these ICs consists of a voltage
reference unit, an error amplifier, resistor-net for voltage setting, a
short current limit circuit, a chip enable circuit, and so on.
These ICs perform with low dropout voltage and the
chip-enable function. The supply current at no load of this IC is
only 1.5μA, and the line transient response and the load transient
response of the UTC L1131B Series are excellent, thus these ICs
are very suitable for the power supply for hand-held
communication equipment.

 FEATURES
* Low supply current Typ. 1.5μA
* Standby mode Typ. 0.1μA
* Output Voltage Range 1.2V ~ 5.0V
* Built-in fold back protection circuit
* Ceramic capacitors are recommended to be used with this IC
CIN=COUT=1μF




Similar Part No. - L1131BL-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1131A UTC-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131A UTC-L1131A Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
L1131AG-15-AE5-R UTC-L1131AG-15-AE5-R Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
L1131AG-25-AE5-R UTC-L1131AG-25-AE5-R Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
More results


Similar Description - L1131BL-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com